Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U385VG Datasheet(PDF) 119 Page - STMicroelectronics

Part # STM32U385VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385VG Datasheet(HTML) 119 Page - STMicroelectronics

Back Button STM32U385VG Datasheet HTML 115Page - STMicroelectronics STM32U385VG Datasheet HTML 116Page - STMicroelectronics STM32U385VG Datasheet HTML 117Page - STMicroelectronics STM32U385VG Datasheet HTML 118Page - STMicroelectronics STM32U385VG Datasheet HTML 119Page - STMicroelectronics STM32U385VG Datasheet HTML 120Page - STMicroelectronics STM32U385VG Datasheet HTML 121Page - STMicroelectronics STM32U385VG Datasheet HTML 122Page - STMicroelectronics STM32U385VG Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 224 page
background image
Symbol
Paramet
er
Conditions
Typ
Max(1)
Unit
VDD
25°C
55°C
85°C
105°C
30°C
55°C
85°C
105°C
IDD(VBAT
with RTC)
Supply
current in
VBAT
mode
(backup
registers
retained),
RTC
enabled
RTC(2)
clocked by
LSE quartz
in low-drive
mode
1.8
0.42
0.51
0.79
1.35
-
-
-
-
µA
2.4
0.47
0.56
0.86
1.40
-
-
-
-
3
0.52
0.63
0.97
1.60
-
-
-
-
3.3
0.59
0.75
1.30
2.25
-
-
-
-
3.6
0.75
0.98
1.60
2.70
-
-
-
-
RTC(2)
clocked by
LSE quartz
in low-drive
mode,
RTC_CALR
. LPCAL =
1
1.8
0.35
0.43
0.72
1.25
-
-
-
-
2.4
0.37
0.45
0.76
1.30
-
-
-
-
3
0.39
0.49
0.84
1.45
-
-
-
-
3.3
0.44
0.60
1.15
2.10
-
-
-
-
3.6
0.58
0.81
1.45
2.55
-
-
-
-
1. Evaluated by characterization. Not tested in production.
2. RTC with default configuration except for what is specified
I/O system current consumption
The current consumption of the I/O system has two components: static and dynamic.
I/O static current consumption
All the I/Os used as inputs with pull-up or pull-down generate current consumption when the pin is externally held
to the opposite level. The value of this current consumption can be simply computed by using the pull-up/pull-
down resistors values given in Section 5.3.14: I/O port characteristics.
For the output pins, any internal or external pull-up or pull-down or external load must also be considered to
estimate the current consumption.
Additional I/O current consumption is due to I/Os configured as inputs if an intermediate voltage level is externally
applied. This current consumption is caused by the input Schmitt trigger circuits used to discriminate the input
value. Unless this specific configuration is required by the application, this supply current consumption can be
avoided by configuring these I/Os in analog mode. This is notably the case of the ADC input pins that must be
configured as analog inputs.
Caution:
Any floating input pin can also settle to an intermediate voltage level or switch inadvertently, as a result of
external electromagnetic noise. To avoid current consumption related to floating pins, they must either be
configured in analog mode, or forced internally to a definite digital value. This can be done either by using pull-
up/down resistors or by configuring the pins in output mode.
I/O dynamic current consumption
In addition to the on-chip peripheral current consumption (see Table 67 for peripheral current consumption in Run
mode), the I/Os used by an application also contribute to the current consumption. When an I/O pin switches, it
uses the current from the I/O supply voltage to supply the I/O pin circuitry and to charge/discharge the capacitive
load (internal and external) connected to the pin:
ISW = VDDIOx × fSW × C
Where:
•
ISW is the current sunk by a switching I/O to charge/discharge the capacitive load.
•
VDDIOx is the I/O supply voltage.
•
fSW is the I/O switching frequency.
•
C is the total capacitance seen by the I/O pin: C = CINT + CEXT + CS.
•
CS is the PCB board capacitance including the pad pin.
The test pin is configured in push-pull output mode and is toggled by software at a fixed frequency.
STM32U385xx
Electrical characteristics
DS14830 - Rev 2
page 119/224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com