Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375VG Datasheet(PDF) 7 Page - STMicroelectronics

Part # STM32U375VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375VG Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STM32U375VG Datasheet HTML 3Page - STMicroelectronics STM32U375VG Datasheet HTML 4Page - STMicroelectronics STM32U375VG Datasheet HTML 5Page - STMicroelectronics STM32U375VG Datasheet HTML 6Page - STMicroelectronics STM32U375VG Datasheet HTML 7Page - STMicroelectronics STM32U375VG Datasheet HTML 8Page - STMicroelectronics STM32U375VG Datasheet HTML 9Page - STMicroelectronics STM32U375VG Datasheet HTML 10Page - STMicroelectronics STM32U375VG Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 222 page
background image
Peripherals
ADC
Number of
channels (5)
(legacy/SMPS
package)
10/NA
11/10
NA/11
17/15
NA/17
NA/11
20/18
DAC
12-bit DAC
1
Number of 12-bit
D/A converters
2
Internal voltage reference buffer
No
Yes
Analog comparator
2
Operational amplifiers
2
Maximum CPU frequency
96 MHz
Operating voltage
1.71 to 3.60 V
Operating temperatures
Ambient operating temperature: -40 to 105 °C Junction temperature: -40 to 110 °C
Package
UFQFPN32
LQFP48,
UFQFPN48
WLCSP52
LQFP64,
UFBGA64
WLCSP68
WLCSP68
LQFP100,
UFBGA100
1. Only single-mode, dual-mode, and quad-mode are supported.
2. SPI 2 is partially supported with only SCK/MISO/MOSI signals.
3. Command direction signal not supported on devices with SMPS.
4. Maximum of 8 pins can be used simultaneously.
5. Number of pins with at least one ADC channel.
STM32U375xx
Description
DS14861 - Rev 2
page 7/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com