Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375VG Datasheet(PDF) 34 Page - STMicroelectronics

Part # STM32U375VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375VG Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STM32U375VG Datasheet HTML 30Page - STMicroelectronics STM32U375VG Datasheet HTML 31Page - STMicroelectronics STM32U375VG Datasheet HTML 32Page - STMicroelectronics STM32U375VG Datasheet HTML 33Page - STMicroelectronics STM32U375VG Datasheet HTML 34Page - STMicroelectronics STM32U375VG Datasheet HTML 35Page - STMicroelectronics STM32U375VG Datasheet HTML 36Page - STMicroelectronics STM32U375VG Datasheet HTML 37Page - STMicroelectronics STM32U375VG Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 222 page
background image
Table 11. Internal voltage reference calibration value
Calibration value
name
Description
Memory address
VREFINT_CAL
12-bit raw data acquired by ADC1 at 30°C (± 5°C),
VDDA = VREF+ = 3.0 V (± 10 mV)
0x0BFA 07A5 - 0x0BFA 07A6
3.20.3
VBAT battery voltage monitoring
This embedded hardware enables the application to measure the VBAT battery voltage using ADC1 or ADC2 input
channel. As the VBAT voltage may be higher than the VDDA, to ensure the correct operation of the ADC, the VBAT
pin is internally connected to a bridge divider by 4. As a consequence, the converted digital value is one fourth of
the VBAT voltage. To prevent any unwanted consumption on the battery, it is recommended to enable the bridge
divider only when needed, for ADC conversion.
3.21
Digital-to-analog converter (DAC)
The DAC module is a 12-bit, voltage output digital-to-analog converter. The DAC can be configured in 8- or 12-bit
mode and may be used with the DMA controller. In 12-bit mode, the data may be left- or right-aligned.
The DAC features two output channels, each with its own converter. In dual DAC channel mode, conversions can
be done independently or simultaneously when both channels are grouped together for synchronous update
operations. An input reference pin, VREF+ (shared with other analog peripherals) is available for better resolution.
An internal reference can also be set on the same input.
The DAC_OUTx pin can be used as a general-purpose input/output (GPIO) when the DAC output is disconnected
from the output pad and connected to on chip peripheral. The DAC output buffer can be optionally enabled to
allow a high drive output current. An individual calibration can be applied on each DAC output channel. The DAC
output channels support a low-power mode, the sample and hold mode.
The digital interface supports the following features:
•
One DAC interface, maximum two output channels
•
Left or right data alignment in 12-bit mode
•
Synchronized update capability
•
Noise-wave and triangular-wave generation
•
Dual DAC channel for independent or simultaneous conversions
•
DMA capability for each channel including DMA underrun error detection
•
Double data DMA capability to reduce the bus activity
•
External triggers for conversion
•
DAC output channel buffered/unbuffered modes
•
Buffer offset calibration
•
Each DAC output can be disconnected from the DAC_OUTx output pin
•
DAC output connection to on-chip peripherals
•
Sample and hold mode for low-power operation in Stop mode.
•
Autonomous mode to reduce the power consumption for the system
•
Voltage reference input
3.22
Voltage reference buffer (VREFBUF)
The devices embed a voltage reference buffer that can be used as voltage reference for ADCs, DACs and also as
voltage reference for external components through the VREF+ pin.
The internal voltage reference buffer supports four voltages: 1.5 V, 1.8 V, 2.048 V, and 2.5 V.
An external voltage reference can be provided through the VREF+ pin when the internal voltage reference buffer
is off.
The VREF+ pin is double-bonded with VDDA on some packages. In these packages, the internal voltage
reference buffer is not available.
STM32U375xx
Functional overview
DS14861 - Rev 2
page 34/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com