Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375VG Datasheet(PDF) 39 Page - STMicroelectronics

Part # STM32U375VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375VG Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STM32U375VG Datasheet HTML 35Page - STMicroelectronics STM32U375VG Datasheet HTML 36Page - STMicroelectronics STM32U375VG Datasheet HTML 37Page - STMicroelectronics STM32U375VG Datasheet HTML 38Page - STMicroelectronics STM32U375VG Datasheet HTML 39Page - STMicroelectronics STM32U375VG Datasheet HTML 40Page - STMicroelectronics STM32U375VG Datasheet HTML 41Page - STMicroelectronics STM32U375VG Datasheet HTML 42Page - STMicroelectronics STM32U375VG Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 222 page
background image
•
One-pulse mode output
In Debug mode, the advanced-control timer counter can be frozen and the PWM outputs disabled in order to turn
off any power switches driven by these outputs.
Many features are shared with the general-purpose TIMx timers (described in the next section) using the same
architecture, so the advanced-control timers can work together with the TIMx timers via the Timer Link feature for
synchronization or event chaining.
3.30.2
General-purpose timers (TIM2, TIM3, TIM4, TIM15, TIM16, TIM17)
There are up to six synchronizable general-purpose timers embedded in the STM32U375xx devices (see
Table 12. Timer feature comparison for differences). Each general-purpose timer can be used to generate PWM
outputs, or act as a simple time base.
•
TIM2, TIM3, and TIM4
They are full-featured general-purpose timers with 32-bit autoreload up/downcounter and 16-bit prescaler.
These timers feature four independent channels for input capture/output compare, PWM, or one-pulse mode
output. They can work together, or with the other general-purpose timers via the Timer Link feature for
synchronization or event chaining.
The counters can be frozen in Debug mode.
All have independent DMA request generation and support quadrature encoders.
•
TIM15, 16, and 17
They are general-purpose timers with mid-range features.
They have 16-bit autoreload upcounters and 16-bit prescalers.
•
TIM15 has two channels and one complementary channel
•
TIM16 and TIM17 have one channel and one complementary channel
All channels can be used for input capture/output compare, PWM, or one-pulse mode output.
The timers can work together via the Timer Link feature for synchronization or event chaining. The timers have
independent DMA request generation.
The counters can be frozen in Debug mode.
3.30.3
Basic timers (TIM6 and TIM7)
The basic timers TIM6 and TIM7 consist of a 16-bit auto-reload counter driven by a programmable prescaler.
They may be used as generic timers for time-base generation. The basic timer can also be used for triggering the
digital-to-analog converter. This is done with the trigger output of the timer.
3.30.4
Low-power timers (LPTIM1, LPTIM2, LPTIM3, LPTIM4)
The devices embed four low-power timers. Due to its diversity of clock sources, the LPTIM is able to keep running
in all power modes except for Standby mode. They are able to wake up the system from Stop mode.
LPTIM1, LPTIM3, and LPTIM4 are active in Stop 0, Stop 1 and Stop 2 modes.
LPTIM2 is active in Stop 0 and Stop 1 mode.
The low-power timer supports the following features:
•
16-bit up counter with 16-bit autoreload register
•
3-bit prescaler with eight possible dividing factors (1, 2, 4, 8, 16, 32, 64, 128)
•
Selectable clock
–
Internal clock sources: configurable internal clock source (see Section 3.11: Reset and clock
controller (RCC) )
–
External clock source over LPTIM input (working with no LP oscillator running, used by Pulse
Counter application)
•
16-bit ARR autoreload register
•
16-bit capture/compare register
•
Continuous/One-shot mode
•
Selectable software/hardware input trigger
•
Programmable digital glitch filter
•
Configurable output: pulse, PWM
STM32U375xx
Functional overview
DS14861 - Rev 2
page 39/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com