Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375VG Datasheet(PDF) 88 Page - STMicroelectronics

Part # STM32U375VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375VG Datasheet(HTML) 88 Page - STMicroelectronics

Back Button STM32U375VG Datasheet HTML 84Page - STMicroelectronics STM32U375VG Datasheet HTML 85Page - STMicroelectronics STM32U375VG Datasheet HTML 86Page - STMicroelectronics STM32U375VG Datasheet HTML 87Page - STMicroelectronics STM32U375VG Datasheet HTML 88Page - STMicroelectronics STM32U375VG Datasheet HTML 89Page - STMicroelectronics STM32U375VG Datasheet HTML 90Page - STMicroelectronics STM32U375VG Datasheet HTML 91Page - STMicroelectronics STM32U375VG Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 222 page
background image
The external capacitor on VDDSMPS pin requires the following characteristics:
•
CIN = 10 μF ±20%
•
CIN ESR < 10 mΩ at 3 MHz
•
CIN rated voltage ≥ 10 V
The external inductance between VLXSMPS and VDD11 requires the following characteristics:
•
L = 2.2 μH ±20%
•
L ISAT > 0.5 A
•
L DCR < 200 mΩ
5.1.7
Current consumption measurement
The IDD parameters given in various tables in the next sections, represent the total MCU consumption including
the current supplying VDD, VDDIO2, VDDA, VDDUSB, VBAT, and VDDSMPS (if the device embeds the SMPS).
Figure 26. Current consumption measurement
IDD_VBAT
IDD
VBAT
VDD
VDDA
VDDUSB
VDDSMPS
VDDIO2
5.2
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in Table 24, Table 25, and Table 26 may damage
permanently the device. These are stress ratings only and the functional operation of the device at these
conditions is not implied. Exposure to maximum rating conditions for extended periods may affect device
reliability. Device mission profile (application conditions) is compliant with JEDEC JESD47 qualification standard.
Extended mission profiles are available on demand.
Table 24. Voltage characteristics
All main power (VDD, VDDSMPS, VDDA, VDDUSB, VDDIO2, VBAT) and ground (VSS, VSSA) pins must always be connected to the external
power supply, in the permitted range.
The I/O structure options listed in this table can be a concatenation of options including the option explicitly listed. For instance, TT_a refers to
any TT I/O with _a option. TT_xx refers to any TT I/O and FT_xx refers to any FT I/O.
Symbol
Ratings
Min
Max
Unit
VDDX - VSS
External main supply voltage (including VDD(1)(2)(3), VDDSMPS,
VDDA, VDDUSB, VDDIO2(1)(2)(3), VBAT, VREF+)
-0.3
4.0
V
VDDIOx(2) - VSS
I/O supply when HSLV(3) = 0
-0.3
4.0
I/O supply when HSLV = 1
-0.3
2.75
VIN(4)
Input voltage on FT_xx pins
VSS - 0.3
Min (min (VDD, VDDA, VDDUSB,
VDDIO2) + 4.0, 6.0)(5)(6)
STM32U375xx
Electrical characteristics
DS14861 - Rev 2
page 88/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com