Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375VG Datasheet(PDF) 2 Page - STMicroelectronics

Part # STM32U375VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375VG Datasheet(HTML) 2 Page - STMicroelectronics

  STM32U375VG Datasheet HTML 1Page - STMicroelectronics STM32U375VG Datasheet HTML 2Page - STMicroelectronics STM32U375VG Datasheet HTML 3Page - STMicroelectronics STM32U375VG Datasheet HTML 4Page - STMicroelectronics STM32U375VG Datasheet HTML 5Page - STMicroelectronics STM32U375VG Datasheet HTML 6Page - STMicroelectronics STM32U375VG Datasheet HTML 7Page - STMicroelectronics STM32U375VG Datasheet HTML 8Page - STMicroelectronics STM32U375VG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 222 page
background image
•
Flexible life cycle scheme with RDP and password protected debug
•
Root of trust due to unique boot entry and secure hide protection area (HDP)
•
Secure firmware installation (SFI) from embedded root secure services (RSS)
•
Secure firmware upgrade
•
Support of Trusted firmware for Cortex®M (TF-M)
•
Public key accelerator, ECDSA signature verification
•
Key hardware protection
•
Attestation keys
•
HASH hardware accelerator
•
True random number generator, NIST SP800-90B compliant
•
96-bit unique ID
•
512-byte OTP (one-time programmable)
•
Antitamper protection
Clock management
•
4 to 50 MHz crystal oscillator
•
32.768 kHz crystal oscillator for RTC (LSE)
•
Internal 16 MHz factory-trimmed RC (±1 %)
•
Internal low-power RC with frequency 32 kHz or 250 Hz (±5 %)
•
2 internal multispeed 3 MHz to 96 MHz oscillators
•
Internal 48 MHz with clock recovery
•
Accurate MSI in PLL-mode and up to 96 MHz with 32.768 kHz, 16 MHz, or 32 MHz crystal oscillator
General-purpose inputs/outputs
•
Up to 82 fast I/Os with interrupt capability most 5 V-tolerant and up to 14 I/Os with independent supply
down to 1.08 V
Up to 15 timers and 2 watchdogs
•
1x 16-bit advanced motor
‑control, 3x 32‑bit and 3x 16‑bit general purpose, 2x 16‑bit basic, 4x low‑power
16
‑bit timers (available in Stop mode), 2x watchdogs, 2x SysTick timer
•
RTC with hardware calendar, alarms, and calibration
Up to 19 communication peripherals
•
1 USB 2.0 full-speed controller
•
1 SAI (serial audio interface)
•
3 I2C FM+(1 Mbit/s), SMBus/PMBus™
•
2 I3C (SDR), with support of I2C FM+ mode
•
2 USARTs and 2 UARTs (SPI, ISO 7816, LIN, IrDA, modem), 1 LPUART
•
3 SPIs (6 SPIs including 1 with OCTOSPI + 2 with USART)
•
1 CAN FD controller
•
1 SDMMC interface
•
1 audio digital filter with sound-activity detection
12-channel GPDMA controller, functional in Sleep and Stop modes (up to Stop 2)
Up to 21 capacitive sensing channels
•
Support touch key, linear, and rotary touch sensors
Rich analog peripherals (independent supply)
•
2× 12-bit ADC 2.5 Msps, with hardware oversampling
STM32U375xx
DS14861 - Rev 2
page 2/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com