Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375VG Datasheet(PDF) 26 Page - STMicroelectronics

Part # STM32U375VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375VG Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STM32U375VG Datasheet HTML 22Page - STMicroelectronics STM32U375VG Datasheet HTML 23Page - STMicroelectronics STM32U375VG Datasheet HTML 24Page - STMicroelectronics STM32U375VG Datasheet HTML 25Page - STMicroelectronics STM32U375VG Datasheet HTML 26Page - STMicroelectronics STM32U375VG Datasheet HTML 27Page - STMicroelectronics STM32U375VG Datasheet HTML 28Page - STMicroelectronics STM32U375VG Datasheet HTML 29Page - STMicroelectronics STM32U375VG Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 222 page
background image
3.10
Peripheral interconnect matrix
Several peripherals have direct connections between them, that allow autonomous communication between them
and support the saving of CPU resources (thus power supply consumption). In addition, these hardware
connections allow fast and predictable latency.
Depending on the peripherals, these interconnections can operate in Run, Sleep, Stop 0, Stop 1, and Stop 2
modes.
3.11
Reset and clock controller (RCC)
The RCC (reset and clock control) manages different reset types, and generates all clocks for the bus and
peripherals.
The clock controller distributes the clocks coming from the different oscillators to the core and to the peripherals. It
also manages the clock gating for low-power modes and ensures the clock robustness. It features:
•
Clock prescaler: in order to get the best trade-off between speed and current consumption, the clock
frequency to the CPU and peripherals can be adjusted by a programmable prescaler.
•
Clock management: in order to reduce the power consumption, the clock controller can stop the clock to
the core, individual peripherals, or memory.
•
System clock source: three different clock sources can be used to drive the system clock (SYSCLK).
–
HSE: high-speed external crystal or clock, from 4 to 50 MHz.
–
HSI16: high-speed internal 16 MHz RC oscillator clock, trimmable by software.
–
MSIS: multi-speed internal RC oscillator clock, from 3 to 96 MHz (six possible frequencies, from two
internal RC oscillators), trimmable by software. When a 32.768 kHz, a 32 MHz or a 16 MHz external
oscillator is present in the application, the MSI frequency can be automatically trimmed by hardware
to reach better accuracy.
•
HSI48 (RC48 with clock recovery system) internal 48 MHz clock source that can be used to drive the USB,
the SDMMC, or the RNG peripherals. This clock can be output on the MCO.
•
Auxiliary clock source: two ultra-low-power clock sources that can be used to drive the real-time clock:
–
LSE (32.768 kHz low-speed external crystal). The LSE can also be configured in bypass mode for an
external clock.
–
LSI (32 kHz low-speed internal RC), also used to drive the independent watchdog. The LSI clock
accuracy is ± 5% accuracy. The LSI clock can be divided by 128 to output a 250 Hz as source clock.
•
Peripheral clock sources: several peripherals can have their own independent clock whatever the system
clock as a result of the MSIK, HSI48, HSI16 and/or low-speed oscillators.
•
Startup clock: after reset, the microcontroller restarts by default with an internal 12 MHz clock MSI. The
prescaler ratio and clock source can be changed by the application program as soon as the code execution
starts.
•
CSS (clock security system): this feature can be enabled by software. If an HSE clock failure occurs, the
master clock automatically switches to HSI16 and a software interrupt is generated if enabled. LSE failure
can also be detected and generates an interrupt.
•
Clock-out capability:
–
MCO (microcontroller clock output): it outputs one of the internal clocks for external use by the
application.
–
LSCO (low-speed clock output): it outputs LSI or LSE in all low-power modes (except VBAT mode).
Several prescalers allow AHB and APB frequencies configuration. The maximum frequency of the AHB and the
APB clock domains is 96 MHz.
STM32U375xx
Functional overview
DS14861 - Rev 2
page 26/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com