Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375VG Datasheet(PDF) 89 Page - STMicroelectronics

Part # STM32U375VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375VG Datasheet(HTML) 89 Page - STMicroelectronics

Back Button STM32U375VG Datasheet HTML 85Page - STMicroelectronics STM32U375VG Datasheet HTML 86Page - STMicroelectronics STM32U375VG Datasheet HTML 87Page - STMicroelectronics STM32U375VG Datasheet HTML 88Page - STMicroelectronics STM32U375VG Datasheet HTML 89Page - STMicroelectronics STM32U375VG Datasheet HTML 90Page - STMicroelectronics STM32U375VG Datasheet HTML 91Page - STMicroelectronics STM32U375VG Datasheet HTML 92Page - STMicroelectronics STM32U375VG Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 222 page
background image
Symbol
Ratings
Min
Max
Unit
VIN(4)
Input voltage on FT_t and FT_o pins in VBAT mode
VSS - 0.3
Min (min (VBAT, VDDA, VDDUSB,
VDDIO2) + 4.0, 6.0) (5)(6)
V
PC13
VSS - 0.3
Min (min (VDD,VSW) + 4.0, 6.0)
Input voltage on any other pins
VSS - 0.3
4.0
VREF+ - VDDA Allowed voltage difference for VREF+ > VDDA
-
0.4
∆VDDx
Variations between different VDDx power pins of the same domain
-
50.0
mV
VSSx - VSS
Variations between all the different ground pins(7)
-
50.0
1. If HSLV = 0.
2. VDDIO1 or VDDIO2 or VSW. VDDIO1 = VDD.
3. HSLV = High-speed low-voltage mode. Refer to General-purpose I/Os (GPIO) section of RM0487.
4. VIN maximum must always be respected. Refer to Table 25 for the maximum allowed injected current values.
5. This formula has to be applied only on the power supplies related to the I/O structure described in the pin definition table.
6. To sustain a voltage higher than 4 V, the internal pull
‑up/pull‑down resistors must be disabled.
7. Including VREF- pin.
Table 25. Current characteristics
Symbol
Ratings
Max
Unit
∑IVDD
Total current into sum of all VDD power lines (source)(1)
150
mA
∑IVSS
Total current out of sum of all VSS ground lines (sink)(1)
150
IVDD
Maximum current into each VDD power pin (source)(1)
100
IVSS
Maximum current out of each VSS ground pin (sink)(1)
100
IIO
Output current sunk by any I/O and control pin
20
Output current sourced by any I/O and control pin
20
∑I(PIN)
Total output current sunk by sum of all I/Os and control pins(2)
120
Total output current sourced by sum of all I/Os and control pins(2)
120
IINJ(PIN)(3)(4)
Injected current on FT_xx, TT_xx, RST pins
-5/+0
∑IINJ(PIN)
Total injected current (sum of all I/Os and control pins)(5)
±25
1. All main power (VDD, VDDSMPS, VDDA, VDDUSB, VDDIO2, VBAT) and ground (VSS, VSSA) pins must always be connected to the external power
supplies, in the permitted range.
2. This current consumption must be correctly distributed over all I/Os and control pins. The total output current must not be sunk/sourced
between two consecutive power supply pins, referring to high pin count QFP packages.
3. A negative injection is induced by VIN < VSS. IINJ(PIN) must never be exceeded. Refer also to Table 24 for the minimum allowed input voltage
values.
4. Positive injection (when VIN > VDDIOx) is not possible on these I/Os and does not occur for input voltages lower than the specified maximum
value.
5. When several inputs are submitted to a current injection, the maximum ∑IINJ(PIN) is the absolute sum of the negative injected currents
(instantaneous values).
Table 26. Thermal characteristics
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
–65 to +150
°C
TJ
Maximum junction temperature
110
STM32U375xx
Electrical characteristics
DS14861 - Rev 2
page 89/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com