Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375VG Datasheet(PDF) 23 Page - STMicroelectronics

Part # STM32U375VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375VG Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM32U375VG Datasheet HTML 19Page - STMicroelectronics STM32U375VG Datasheet HTML 20Page - STMicroelectronics STM32U375VG Datasheet HTML 21Page - STMicroelectronics STM32U375VG Datasheet HTML 22Page - STMicroelectronics STM32U375VG Datasheet HTML 23Page - STMicroelectronics STM32U375VG Datasheet HTML 24Page - STMicroelectronics STM32U375VG Datasheet HTML 25Page - STMicroelectronics STM32U375VG Datasheet HTML 26Page - STMicroelectronics STM32U375VG Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 222 page
background image
•
Standby mode
The Standby mode is used to achieve the lowest power consumption with BOR. The internal regulator is
switched off so that the core domain is powered off. The MSI (MSIS and MSIK) RC, the HSI16 RC and the
HSE crystal oscillators are also switched off.
The RTC can remain active (Standby mode with RTC, Standby mode without RTC).
The brownout reset (BOR) always remains active in Standby mode.
The state of each I/O during Standby mode can be selected by software: I/O with internal pull-up, internal
pull-down or floating.
After entering Standby mode, SRAMs and register contents are lost except for registers in the backup
domain and Standby circuitry. Optionally, the full SRAM2 or 8 Kbytes or 24 Kbytes or 32 Kbytes can be
retained in Standby mode, supplied by the low-power regulator (standby with SRAM2 retention mode).
The BOR can be configured in ultra-low-power mode to further reduce power consumption during Standby
mode.
The device exits Standby mode when an external reset (NRST pin), an IWDG early wake-up event or
reset, WKUP pin event (configurable rising or falling edge), an RTC event (alarm, periodic wake-up,
timestamp), a tamper detection, or a I3C reset pattern detection occurs.
The system clock after wake-up is MSIS up to 12 MHz.
•
Shutdown mode
The Shutdown mode allows the lowest power consumption. The internal regulator is switched off so that
the core domain is powered off. The HSI16, the MSI (MSIS and MSIK), the LSI, and the HSE oscillators are
also switched off.
The RTC can remain active (Shutdown mode with RTC, Shutdown mode without RTC).
The BOR is not available in Shutdown mode. No power voltage monitoring is possible in this mode,
therefore the switch to backup domain is not supported.
SRAMs and register contents are lost except for registers in the backup domain.
The device exits Shutdown mode when an external reset (NRST pin), a WKUP pin event (configurable
rising or falling edge), or an RTC event occurs (alarm, periodic wake-up, timestamp), a tamper detection or
a I3C reset pattern detection.
The system clock after wake-up is MSIS at 12 MHz.
3.9.1
Autonomous peripherals
Several peripherals support the autonomous mode that allows it to be functional and perform DMA transfers in
Stop 0, Stop 1, and Stop 2 modes. Their interrupts wake up from Stop mode.
In Stop 0 and Stop 1 modes, the autonomous peripherals are DAC1 (2 channels), LPTIMx (x = 1 to 4),
U(S)ARTx (x = 1, 3, 4, 5), LPUART1, SPIx (x = 1 to 3), I2Cx (x = 1 to 3), I3Cx (x = 1 to 2), ADF1 , and GPDMA1.
In Stop 2 mode, the autonomous peripherals are LPTIM1, LPTIM3, LPTIM4, LPUART1, and I2C3. If one of these
peripherals requests the AHB/APB clocks for a DMA transfer, the whole core domain is switched to Stop 1 higher
leakage mode and the clock is distributed to GPDMA1, enabled SRAMs, and peripherals in order to perform the
autonomous peripheral DMA transfer. Then the core domain automatically returns to Stop 2 lower leakage mode.
Table 9. Functionalities depending on the working mode
Y = yes (enable). O = optional (disable by default, can be enabled by software). - = not available.
Peripheral
Run Sleep
Stop 0/1
Stop 2
Stop 3
Standby
Shutdown
VBAT
-
-
-
-
-
CPU
Y
-
-
-
-
-
-
-
-
-
-
-
-
Flash memory up to
(1 Mbyte)
O(1)
O(1)
-
O(2)
-
O(2)
-
-
-
-
-
-
-
SRAM1 (192 Kbytes)
Y(3)
Y(4)
O(5)
-
O(5)
-
O(5)
-
-
-
-
-
-
SRAM2 (64 Kbytes)
Y(3)
Y(4)
O(5)
O(6)
O(5)
O(6)
O(5)
-
O(7)
-
-
-
-
OCTOSPI1
O
O
-
-
-
-
-
-
-
-
-
-
-
Backup registers
Y
Y
Y
-
Y
-
Y
-
Y
-
Y
-
Y
STM32U375xx
Functional overview
DS14861 - Rev 2
page 23/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com