Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375VG Datasheet(PDF) 33 Page - STMicroelectronics

Part # STM32U375VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375VG Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STM32U375VG Datasheet HTML 29Page - STMicroelectronics STM32U375VG Datasheet HTML 30Page - STMicroelectronics STM32U375VG Datasheet HTML 31Page - STMicroelectronics STM32U375VG Datasheet HTML 32Page - STMicroelectronics STM32U375VG Datasheet HTML 33Page - STMicroelectronics STM32U375VG Datasheet HTML 34Page - STMicroelectronics STM32U375VG Datasheet HTML 35Page - STMicroelectronics STM32U375VG Datasheet HTML 36Page - STMicroelectronics STM32U375VG Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 222 page
background image
•
Analog input channels
–
External analog inputs (per ADC): up to 15 GPIO pads
–
1 channel for the internal reference voltage (VREFINT)
–
1 channel for the internal temperature sensor (VSENSE)
–
1 channel for monitoring the external VBAT power supply pin
–
1 channel for monitoring VCORE internal voltage
–
Connection to DAC internal channels
•
Start-of-conversion can be initiated:
–
By software for both regular and injected conversions
–
By hardware triggers with configurable polarity (internal timers events or GPIO input events) for both
regular and injected conversions
•
Conversion modes
–
Each ADC can convert a single channel or can scan a sequence of channels
–
Single mode converts selected inputs once per trigger
–
Continuous mode converts selected inputs continuously
–
Discontinuous mode
•
Interrupt generation at ADC ready, the end of sampling, the end of conversion (regular or injected), end of
sequence conversion (regular or injected), analog watchdog 1, 2 or 3 or overrun events
•
3 analog watchdogs per ADC
•
ADC input range: VSSA <VIN < VREF+
3.20.1
Temperature sensor
The temperature sensor can be used to measure the junction temperature (TJ) of the device.
The temperature sensor is internally connected to the ADC input channels that are used to convert the sensor
output voltage to a digital value. When not in use, the sensor can be put in power-down mode. It supports the
temperature range –40 to 110°C.
The temperature sensor output voltage changes linearly with temperature. The offset of this line varies from chip
to chip due to process variation (up to 45°C from one chip to another). The uncalibrated internal temperature
sensor is more suited for applications that detect temperature variations instead of absolute temperatures.
To improve the accuracy of the temperature sensor measurement, each device is individually factory-calibrated by
ST. The temperature sensor factory calibration data are stored by STMicroelectronics in the system memory area,
accessible in read-only mode.
Table 10. Temperature sensor calibration values
Calibration value
name
Description
Memory address
TS_CAL1
Temperature sensor 12-bit raw data acquired by ADC1
at 30°C (± 5°C),
VDDA = VREF+ = 3.0 V (± 10 mV)
0x0BFA 0710 - 0x0BFA 0711
TS_CAL2
Temperature sensor 12-bit raw data acquired by ADC1
at 110°C (± 5°C),
VDDA = VREF+ = 3.0 V (± 10 mV)
0x0BFA 0742 - 0x0BFA 0743
3.20.2
Internal voltage reference (VREFINT)
The VREFINT provides a stable (bandgap) voltage output for the ADC and the comparators. The VREFINT is
internally connected to ADC1 and ADC2 input channels.
The precise voltage of VREFINT is individually measured for each part by STMicroelectronics during production
test and stored in the system memory area. It is accessible in read-only mode.
STM32U375xx
Functional overview
DS14861 - Rev 2
page 33/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com