Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375VG Datasheet(PDF) 113 Page - STMicroelectronics

Part # STM32U375VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375VG Datasheet(HTML) 113 Page - STMicroelectronics

Back Button STM32U375VG Datasheet HTML 109Page - STMicroelectronics STM32U375VG Datasheet HTML 110Page - STMicroelectronics STM32U375VG Datasheet HTML 111Page - STMicroelectronics STM32U375VG Datasheet HTML 112Page - STMicroelectronics STM32U375VG Datasheet HTML 113Page - STMicroelectronics STM32U375VG Datasheet HTML 114Page - STMicroelectronics STM32U375VG Datasheet HTML 115Page - STMicroelectronics STM32U375VG Datasheet HTML 116Page - STMicroelectronics STM32U375VG Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 222 page
background image
Symbol
Parameter
Typ
Max (1)
Unit
25°C 55°C 85°C 105°C 30°C 55°C 85°C 105°C
IDD (PRAM)
FDCAN and USB SRAM static
consumption (PRAMPDS = 1 vs.
PRAMPDS = 0)
µA
0.01 0.02 0.11
0.24
0.02 0.06 0.32
0.71
IDD (PKARAM)
PKA SRAM static consumption
(PKARAMPDS = 1 vs. PKARAMPDS =
0)
0.01 0.05 0.17
0.45
0.03 0.14 0.51
1.40
1. Evaluated by characterization. Not tested in production.
2. SRAM1 total consumption is 2 x IDD(SRAM1_16kB) + 5 x IDD(SRAM1_32kB).
3. SRAM2 total consumption is IDD(SRAM2_32kB) + IDD(SRAM2_24kB) + IDD(SRAM2_8kB).
Table 60. Current consumption during wake-up from Stop 3 mode on SMPS
Symbol
Parameter
Conditions
Typ
Unit
VDD
25°C
QDD (wake-up from
Stop 3)
Electrical
charge
consumed
during wake-
up from Stop 3
mode
Wake-up clock is MSI
48 MHz
3.0
50
µA
Wake-up clock is HSI
16 MHz
40
Wake-up clock is MSI
3 MHz
60
Table 61. Current consumption in Standby mode
Evaluated by characterization. Not tested in production.
Symbol
Parameter
Conditions
Typ
Max (2)
Unit
VDD
25°C
55°C
85°C
105°C
30°C
55°C
85°C
105°C
IDD
(Standby)
Supply
current in
Standby
mode
(backup
registers
retained),
RTC
disabled
No independent
watchdog,
PWR_CR1.
ULPMEN = 1
1.8
0.10
0.4
1.9
6.6
0.31
0.94
4.8
17
µA
2.4
0.12
0.4
2.0
7.0
0.38
1.1
5.0
18
3
0.18
0.6
2.5
7.9
0.55
1.5
6.2
20
3.3
0.33
0.9
3.2
9.4
1.1
2.3
8.0
24
3.6
0.81
1.7
4.7
11.5
2.5
4.3
12
29
No independent
watchdog
1.8
0.12
0.5
2.0
6.2
0.36
1.30
5.0
16
2.4
0.21
0.5
2.1
6.8
0.64
1.3
5.3
17
3
0.27
0.7
2.5
7.5
0.84
1.7
6.3
19
3.3
0.41
1.0
3.2
8.9
1.3
2.5
8.0
23
3.6
0.87
1.8
4.7
11.0
2.7
4.4
12
28
with independent
watchdog
clocked by LSI
32 kHz
1.8
0.43
0.7
2.2
6.6
1.4
1.8
5.4
17
2.4
0.54
0.8
2.5
7.1
1.7
2.2
6.2
18
3
0.69
1.1
2.9
8.0
2.2
2.8
7.3
20
3.3
0.90
1.5
3.7
9.4
2.8
3.7
9.3
24
3.6
1.40
2.3
5.2
11.5
4.4
5.8
13
29
with independent
watchdog
clocked by LSI
250 Hz
1.8
0.26
0.5
2.0
6.5
0.81
1.4
5.0
17
2.4
0.30
0.6
2.2
6.9
0.92
1.5
5.4
18
3
0.36
0.8
2.6
7.6
1.2
2.0
6.5
19
STM32U375xx
Electrical characteristics
DS14861 - Rev 2
page 113/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com