Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375VG Datasheet(PDF) 118 Page - STMicroelectronics

Part # STM32U375VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375VG Datasheet(HTML) 118 Page - STMicroelectronics

Back Button STM32U375VG Datasheet HTML 114Page - STMicroelectronics STM32U375VG Datasheet HTML 115Page - STMicroelectronics STM32U375VG Datasheet HTML 116Page - STMicroelectronics STM32U375VG Datasheet HTML 117Page - STMicroelectronics STM32U375VG Datasheet HTML 118Page - STMicroelectronics STM32U375VG Datasheet HTML 119Page - STMicroelectronics STM32U375VG Datasheet HTML 120Page - STMicroelectronics STM32U375VG Datasheet HTML 121Page - STMicroelectronics STM32U375VG Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 222 page
background image
On-chip peripheral current consumption
The current consumption of the on-chip peripherals is given in the table below. The MCU is placed under the
following conditions:
•
All I/O pins are in analog mode.
•
The given value is calculated by measuring the difference of the current consumptions:
–
When the peripheral is clocked on
–
When the peripheral is clocked off
•
The ambient operating temperature and supply voltage conditions are summarized in Table 27. General
operating conditions .
•
The power consumption of the digital part of the on-chip peripherals is given in the table below. The power
consumption of the analog part of the peripherals (where applicable) is indicated in each related section of
the datasheet.
Table 66. Typical dynamic current consumption of peripherals
Indep = Independent clock domain
Bus
Peripheral
LDO
SMPS
Unit
Range 1
Range 2
Stop 1/2
Range 1
Range 2
Stop 1/2
ADF1
0.83
0.71
1.1
0.27
0.21
0.35
μA/MHz
ADF1 Indep
0.24
0.18
-
0.08
0.06
-
CRC1
0.31
0.26
-
0.1
0.08
-
FLASH
2.47
2.14
-
0.81
0.62
-
GPDMA1
1.26
1.09
1.53
0.41
0.32
0.5
GTZC1
0.24
0.21
-
0.08
0.06
-
PWR
0.07
0.05
-
0.02
0.02
-
RAMCFG
0.29
0.25
-
0.1
0.07
-
SRAM1
0.42
0.36
-
0.14
0.11
-
TSC
1.29
1.11
-
0.43
0.33
-
ADC12
5.42
4.7
-
1.77
1.36
-
ADC12 Indep
1.07
0.92
-
0.35
0.27
-
DAC1
1.41
1.22
3.53
0.46
0.36
1.18
GPIOA
0.05
0.04
-
0.02
0.01
-
GPIOB
0.08
0.07
-
0.03
0.02
-
GPIOC
0.05
0.04
-
0.02
0.01
-
GPIOD
0.08
0.07
-
0.03
0.02
-
GPIOE
0.05
0.04
-
0.02
0.01
-
GPIOG
0.06
0.05
-
0.02
0.02
-
GPIOH
0.04
0.03
-
0.01
0.01
-
HASH1
1.13
0.97
-
0.37
0.28
-
OSPI1
0.69
0.6
-
0.25
0.18
-
OSPI1 Indep
0.44
0.38
-
0.14
0.11
-
PKA
5.69
4.92
-
1.86
1.43
-
RNG1
1.37
1.18
-
0.45
0.35
-
RNG1 Indep
0.14
0.11
-
0.05
0.03
-
SDMMC1
7.75
6.68
-
2.56
1.94
-
STM32U375xx
Electrical characteristics
DS14861 - Rev 2
page 118/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com