Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375VG Datasheet(PDF) 172 Page - STMicroelectronics

Part # STM32U375VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375VG Datasheet(HTML) 172 Page - STMicroelectronics

Back Button STM32U375VG Datasheet HTML 168Page - STMicroelectronics STM32U375VG Datasheet HTML 169Page - STMicroelectronics STM32U375VG Datasheet HTML 170Page - STMicroelectronics STM32U375VG Datasheet HTML 171Page - STMicroelectronics STM32U375VG Datasheet HTML 172Page - STMicroelectronics STM32U375VG Datasheet HTML 173Page - STMicroelectronics STM32U375VG Datasheet HTML 174Page - STMicroelectronics STM32U375VG Datasheet HTML 175Page - STMicroelectronics STM32U375VG Datasheet HTML 176Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 222 page
background image
Table 120. USART (SPI mode) characteristics
Evaluated by characterization. Not tested in production.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fCK
USART clock
frequency
SPI master mode 1.71 V ≤
VDDIOX ≤ 3.6 V
-
12
MHz
SPI slave mode 1.71 V ≤
VDDIOX ≤ 3.6 V
32
SPI master or slave mode
1.08 V ≤ VDDIO2 ≤ 1.32 V
15
tsu(NSS)
NSS setup
time
SPI Ssave mode
tker(1) + 3
-
-
ns
th(NSS)
NSS hold
time
SPI slave mode
2
-
-
tw(CKH)
CK high and
low time
SPI master mode
1/ fCK /2-1
1/ fCK /2
1/ fCK /2+1
tw(CKL)
tsu(RX)
Data input
setup time
SPI master mode
14/22(2)
-
-
tsu(RX)
SPI slave mode
2.5
-
-
th(RX)
Data input
hold time
SPI master mode
0.5
-
-
th(RX)
SPI slave mode
1
-
-
tv(TX)
Data output
valid time
SPI Slave
mode
2.7 V ≤
VDDIOX ≤ 3.6
V
-
11.5
15.5
1.71 V ≤
VDDIOX ≤ 3.6
V
-
1.08 V ≤
VDDO2 ≤ 1.32
V
15.5
23.5
tv(TX)
SPI Master
mode
2.7 V ≤
VDDIOX ≤ 3.6
V
-
0.5
2
1.71 V ≤
VDDIOX ≤ 3.6
V
2.5
th(TX)
Data output
hold time
SPI slave mode
8
-
-
th(TX)
Data output
hold time
SPI master mode
0
-
-
1. Tker is the usart_ker_ck_pres clock period.
2. When using SPI on port G.
STM32U375xx
Electrical characteristics
DS14861 - Rev 2
page 172/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com