Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375VG Datasheet(PDF) 199 Page - STMicroelectronics

Part # STM32U375VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375VG Datasheet(HTML) 199 Page - STMicroelectronics

Back Button STM32U375VG Datasheet HTML 195Page - STMicroelectronics STM32U375VG Datasheet HTML 196Page - STMicroelectronics STM32U375VG Datasheet HTML 197Page - STMicroelectronics STM32U375VG Datasheet HTML 198Page - STMicroelectronics STM32U375VG Datasheet HTML 199Page - STMicroelectronics STM32U375VG Datasheet HTML 200Page - STMicroelectronics STM32U375VG Datasheet HTML 201Page - STMicroelectronics STM32U375VG Datasheet HTML 202Page - STMicroelectronics STM32U375VG Datasheet HTML 203Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 222 page
background image
6.8
WLCSP68 package information (B0JP)
This WLCSP is a 68-ball, 3.11 x 3.17 mm, 0.35 mm pitch, wafer level chip scale package.
Figure 79. WLCSP68 - Outline
Seating plane(2)
A1 ball corner(3)
Seating plane(2)
Solder balls
Silicon
Backside coating
A3
A2
A1
C
FRONT VIEW
TOP VIEW
(marking side)
BOTTOM VIEW
(balls side)
A
C
DETAIL A
Øb (N balls)
Øddd M C A B
A
B
C
R
L
J
E
N
G
P
M
K
H
F
D
E1
1
9
3
7
5
2
8
4
6
eD
(Datum B)
Detail A
E
B
D
A
(Datum A)
aaa
C
(4X)
(Datum B)
ccc
C
bbb
C
SD
(Datum A)
eS
eE
SE
D1
1. Drawing is not to scale
2. Datum C (seating plane) is defined by the plane established by the contact points of three or more solder balls
that support the device when it is placed on top of a planar surface.
3. The A1 corner is identified on the top surface of the package by using a marking or a physical feature. A
distinguish feature is allowable on the bottom surface of the package to identify the A1 corner. Exact shape of
each corner is optional.
STM32U375xx
Package information
DS14861 - Rev 2
page 199/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com