Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375VG Datasheet(PDF) 219 Page - STMicroelectronics

Part # STM32U375VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375VG Datasheet(HTML) 219 Page - STMicroelectronics

Back Button STM32U375VG Datasheet HTML 214Page - STMicroelectronics STM32U375VG Datasheet HTML 215Page - STMicroelectronics STM32U375VG Datasheet HTML 216Page - STMicroelectronics STM32U375VG Datasheet HTML 217Page - STMicroelectronics STM32U375VG Datasheet HTML 218Page - STMicroelectronics STM32U375VG Datasheet HTML 219Page - STMicroelectronics STM32U375VG Datasheet HTML 220Page - STMicroelectronics STM32U375VG Datasheet HTML 221Page - STMicroelectronics STM32U375VG Datasheet HTML 222Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 219 / 222 page
background image
Table 101. VBAT charging characteristics ......................................................... 151
Table 102. DAC characteristics ................................................................ 152
Table 103. DAC accuracy .................................................................... 154
Table 104. VREFBUF characteristics ............................................................ 155
Table 105. COMP characteristics............................................................... 157
Table 106. OPAMP characteristics .............................................................. 158
Table 107. ADF characteristics ................................................................ 162
Table 108. TIMx characteristics ................................................................ 163
Table 109. IWDG min/max timeout period at 32 kHz (LSI) .............................................. 163
Table 110. WWDG min/max timeout value at 96 MHz (PCLK) ........................................... 163
Table 111. OCTOSPI characteristics in SDR mode .................................................. 164
Table 112. OCTOSPI characteristics in DTR mode (no DQS) ........................................... 164
Table 113. OCTOSPI characteristics in DTR mode (with DQS)/HyperBus ................................... 165
Table 114. SD/e.MMC characteristics (VDD = 2.7 V to 3.6 V) ............................................ 168
Table 115. e.MMC characteristics (VDD = 1.71 V to 1.9 V).............................................. 169
Table 116. Delay block characteristics ........................................................... 170
Table 117. I2C analog filter characteristics ........................................................ 170
Table 118. Open drain timing measurements....................................................... 171
Table 119. Push pull timing measurements ........................................................ 171
Table 120. USART (SPI mode) characteristics...................................................... 172
Table 121. SPI characteristics ................................................................. 174
Table 122. SAI characteristics ................................................................. 176
Table 123. USB_FS characteristics ............................................................. 178
Table 124. JTAG characteristics ............................................................... 179
Table 125. SWD characteristics ................................................................ 179
Table 126. UFQFPN32 - Mechanical data ......................................................... 183
Table 127. Tolerance of form and position ......................................................... 183
Table 128. Tolerance of form and position symbol definition ............................................ 184
Table 129. LQFP48 - Mechanical data ........................................................... 186
Table 130. UFQFPN48 - Mechanical data ......................................................... 189
Table 131. WLCSP52 - Mechanical data.......................................................... 191
Table 132. LQFP64 - Mechanical data ........................................................... 194
Table 133. UFBGA64 - Mechanical data .......................................................... 197
Table 134. UFBGA64 - Recommended PCB design rules (0.50 mm pitch BGA)............................... 198
Table 135. WLCSP68 - Mechanical data.......................................................... 200
Table 136. LQFP100 - Mechanical data .......................................................... 203
Table 137. UFBGA100 - Mechanical data ......................................................... 206
Table 138. UFBGA100 - Recommended PCB design rules (0.50 mm pitch BGA) .............................. 207
Table 139. Package thermal characteristics........................................................ 208
Table 140. Document revision history .............................................................211
STM32U375xx
List of tables
DS14861 - Rev 2
page 219/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com