Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV80XTR Datasheet(PDF) 46 Page - STMicroelectronics

Part # LSM6DSV80XTR
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80XTR Datasheet(HTML) 46 Page - STMicroelectronics

Back Button LSM6DSV80XTR Datasheet HTML 42Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 43Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 44Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 45Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 46Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 47Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 48Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 49Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 181 page
background image
Name
Type
Register address
Default
Comment
Hex
Binary
INACTIVITY_THS
R/W
55
01010101
00000000
TAP_CFG0
R/W
56
01010110
00000000
TAP_CFG1
R/W
57
01010111
00000000
TAP_CFG2
R/W
58
01011000
00000000
TAP_THS_6D
R/W
59
01011001
00000000
TAP_DUR
R/W
5A
01011010
00000000
WAKE_UP_THS
R/W
5B
01011011
00000000
WAKE_UP_DUR
R/W
5C
01011100
00000000
FREE_FALL
R/W
5D
01011101
00000000
MD1_CFG
R/W
5E
01011110
00000000
MD2_CFG
R/W
5F
01011111
00000000
RESERVED
-
60-61
HAODR_CFG
R/W
62
01100010
00000000
EMB_FUNC_CFG
R/W
63
01100011
00000000
RESERVED
-
64-6B
XL_HG_X_OFS_USR
R/W
6C
01101100
00000000
XL_HG_Y_OFS_USR
R/W
6D
01101101
00000000
XL_HG_Z_OFS_USR
R/W
6E
01101110
00000000
RESERVED
-
6F-73
X_OFS_USR
R/W
73
01110011
00000000
Y_OFS_USR
R/W
74
01110100
00000000
Z_OFS_USR
R/W
75
01110101
00000000
RESERVED
-
76-77
FIFO_DATA_OUT_TAG
R
78
01111000
output
FIFO_DATA_OUT_X_L
R
79
01111001
output
FIFO_DATA_OUT_X_H
R
7A
01111010
output
FIFO_DATA_OUT_Y_L
R
7B
01111011
output
FIFO_DATA_OUT_Y_H
R
7C
01111100
output
FIFO_DATA_OUT_Z_L
R
7D
01111101
output
FIFO_DATA_OUT_Z_H
R
7E
01111110
output
Reserved registers must not be changed. Writing to those registers may cause permanent damage to the device.
The content of the registers that are loaded at boot should not be changed. They contain the factory calibration
values. Their content is automatically restored when the device is powered up.
LSM6DSV80X
Register mapping
DS14764 - Rev 1
page 46/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com