Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV80XTR Datasheet(PDF) 43 Page - STMicroelectronics

Part # LSM6DSV80XTR
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80XTR Datasheet(HTML) 43 Page - STMicroelectronics

Back Button LSM6DSV80XTR Datasheet HTML 39Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 40Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 41Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 42Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 43Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 44Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 45Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 46Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 181 page
background image
Table 22. Internal pin status
pin#
Name
Mode 1 function
Mode 2 function
Pin status mode 1
Pin status mode 2
1
SDO
SPI 4-wire interface serial data output
(SDO)
SPI 4-wire interface serial data output
(SDO)
Default: input without pull-up
Pull-up is enabled if bit SDO_PU_EN = 1 in register
PIN_CTRL (02h).
Default: input without pull-up
Pull-up is enabled if bit SDO_PU_EN = 1 in register
PIN_CTRL (02h).
TA0
I²C least significant bit of the device
address (TA0)
MIPI I3C® least significant bit of the
static address (TA0)
I²C least significant bit of the device
address (TA0)
MIPI I3C® least significant bit of the
static address (TA0)
2
SDx
Connect to VDDIO or GND
I²C controller serial data (CSDA)
Default: input without pull-up
Pull-up is enabled if bit SHUB_PU_EN = 1 in register
IF_CFG (03h).
Default: input without pull-up
Pull-up is enabled if bit SHUB_PU_EN = 1 in register
IF_CFG (03h).
3
SCx
Connect to VDDIO or GND
I²C controller serial clock (CSCL)
Default: input without pull-up
Pull-up is enabled if bit SHUB_PU_EN = 1 in register
IF_CFG (03h).
Default: input without pull-up
Pull-up is enabled if bit SHUB_PU_EN = 1 in register
IF_CFG (03h).
4
INT1
Programmable interrupt 1
Programmable interrupt 1
Default: output forced to ground
Default: output forced to ground
5
VDDIO
Power supply for I/O pins
Power supply for I/O pins
6
GND
0 V supply
0 V supply
7
GND
0 V supply
0 V supply
8
VDD
Power supply
Power supply
9
INT2
Programmable interrupt 2 (INT2)
Programmable interrupt 2 (INT2) / I²C
controller external synchronization
signal (CDRDY)
Default: output forced to ground
Default: output forced to ground
10
NC
Leave unconnected
Leave unconnected
Default: input with pull-up
Default: input with pull-up
11
NC
Leave unconnected
Leave unconnected
Default: input with pull-up
Default: input with pull-up
12
CS
I²C/SPI mode selection
(1: SPI idle mode / I²C communication
enabled;
0: SPI communication mode / I²C
disabled)
I²C/SPI mode selection
(1: SPI idle mode / I²C communication
enabled;
0: SPI communication mode / I²C
disabled)
Default: input with pull-up
Pull-up is disabled if bit I2C_I3C_disable = 1 in
register IF_CFG (03h).
Default: input with pull-up
Pull-up is disabled if bit I2C_I3C_disable = 1 in
register IF_CFG (03h).
13
SCL
I²C/MIPI I3C® serial clock (SCL) / SPI
serial port clock (SPC)
I²C/MIPI I3C® serial clock (SCL) / SPI
serial port clock (SPC)
Default: input without pull-up
Default: input without pull-up
14
SDA
I²C/MIPI I3C® serial data (SDA) / SPI
serial data input (SDI) / 3-wire interface
serial data output (SDO)
I²C/MIPI I3C® serial data (SDA) / SPI
serial data input (SDI) / 3-wire interface
serial data output (SDO)
Default: input without pull-up
Pull-up is enabled if bit SDA_PU_EN = 1 in register
IF_CFG (03h).
Default: input without pull-up
Pull-up is enabled if bit SDA_PU_EN = 1 in register
IF_CFG (03h).
Internal pull-up value is from 30 kΩ to 50 kΩ, depending on VDDIO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com