Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV80XTR Datasheet(PDF) 17 Page - STMicroelectronics

Part # LSM6DSV80XTR
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80XTR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LSM6DSV80XTR Datasheet HTML 13Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 14Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 15Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 16Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 17Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 18Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 19Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 20Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 181 page
background image
4.4
Communication interface characteristics
4.4.1
SPI - serial peripheral interface
Subject to general operating conditions for VDD and Top. @VDDIO = 1.8 V, T = 25°C unless otherwise noted.
Table 6. SPI target timing values (VDDIO at 1.8 V)
Symbol
Parameter
Value(1)
Unit
Min
Typ
Max
fc(SPC)
SPI clock frequency
10
MHz
tc(SPC)
SPI clock period
100
ns
thigh(SPC)
SPI clock high period
45
tlow(SPC)
SPI clock low period
45
tsu(CS)
CS setup time (mode 3)
5
CS setup time (mode 0)
20
th(CS)
CS hold time (mode 3)
20
CS hold time (mode 0)
20
tsu(SI)
SDI input setup time
5
th(SI)
SDI input hold time
15
tv(SO)
SDO valid output time
15
25
tdis(SO)
SDO output disable time
50
Cload
Bus capacitance
100
pF
1. Values are evaluated at 10 MHz clock frequency for SPI with both 4 and 3 wires, based on characterization results, not tested in production.
Subject to general operating conditions for VDD and Top. @VDDIO = 1.2 V, T = 25°C unless otherwise noted.
Table 7. SPI target timing values (VDDIO at 1.2 V)
Symbol
Parameter
Value(1)
Unit
Min
Typ
Max
fc(SPC)
SPI clock frequency
10
MHz
tc(SPC)
SPI clock period
100
ns
thigh(SPC)
SPI clock high period
45
tlow(SPC)
SPI clock low period
45
tsu(CS)
CS setup time (mode 3)
25
CS setup time (mode 0)
50
th(CS)
CS hold time (mode 3)
50
CS hold time (mode 0)
50
tsu(SI)
SDI input setup time
15
th(SI)
SDI input hold time
30
tv(SO)
SDO valid output time
30
tdis(SO)
SDO output disable time
50
Cload
Bus capacitance
50
pF
1. Values are evaluated at 10 MHz clock frequency for SPI with both 4 and 3 wires, based on characterization results, not tested in production.
LSM6DSV80X
Module specifications
DS14764 - Rev 1
page 17/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com