Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV80XTR Datasheet(PDF) 49 Page - STMicroelectronics

Part # LSM6DSV80XTR
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80XTR Datasheet(HTML) 49 Page - STMicroelectronics

Back Button LSM6DSV80XTR Datasheet HTML 45Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 46Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 47Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 48Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 49Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 50Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 51Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 52Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 181 page
background image
9.3
IF_CFG (03h)
Interface configuration register (R/W). This register is not reset during the software reset procedure (see bit 0 of
the CTRL3 (12h) register).
Table 28. IF_CFG register
SDA_PU_EN
SHUB_
PU_EN
ASF_CTRL
H_LACTIVE
PP_OD
SIM
0(1)
I2C_I3C_
disable
1. This bit must be set to 0 for the correct operation of the device.
Table 29. IF_CFG register description
SDA_PU_EN
Enables pull-up on SDA pin. Default value: 0
(0: SDA pin pull-up disconnected;
1: SDA pin with pull-up)
SHUB_PU_EN
Enables I²C controller pull-up. Default value: 0
(0: internal pull-up on auxiliary I²C line disabled;
1: internal pull-up on auxiliary I²C line enabled)
ASF_CTRL
Enables antispike filters. Default value: 0
(0: antispike filters are managed by the protocol and turned off after the broadcast address;
1: antispike filters on SCL and SDA lines are always enabled)
H_LACTIVE
Interrupt activation level. Default value: 0
(0: interrupt output pins active high;
1: interrupt output pins active low)
PP_OD
Push-pull/open-drain selection on INT1 and INT2 pins. Default value: 0
(0: push-pull mode;
1: open-drain mode)
SIM
SPI serial interface mode selection. Default value: 0
(0: 4-wire interface;
1: 3-wire interface)
I2C_I3C_disable
Disables I²C and MIPI I3C® interfaces. Default value: 0
(0: SPI, I²C and MIPI I3C® interfaces enabled;
1: I²C and MIPI I3C® interfaces disabled)
9.4
ODR_TRIG_CFG (06h)
ODR-triggered mode configuration register (R/W)
Table 30. ODR_TRIG_CFG register
ODR_TRIG_
NODR_7
ODR_TRIG_
NODR_6
ODR_TRIG_
NODR_5
ODR_TRIG_
NODR_4
ODR_TRIG_
NODR_3
ODR_TRIG_
NODR_2
ODR_TRIG_
NODR_1
ODR_TRIG_
NODR_0
Table 31. ODR_TRIG_CFG register description
ODR_TRIG_NODR_[7:0]
When ODR-triggered mode is set, these bits are used to define the number of data generated in
the reference period.
Allowed values for ODR_TRIG_NODR_[7:0] are 0 (default) and values in the range from 4 to 255.
LSM6DSV80X
Register description
DS14764 - Rev 1
page 49/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com