Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV80XTR Datasheet(PDF) 82 Page - STMicroelectronics

Part # LSM6DSV80XTR
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80XTR Datasheet(HTML) 82 Page - STMicroelectronics

Back Button LSM6DSV80XTR Datasheet HTML 78Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 79Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 80Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 81Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 82Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 83Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 84Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 85Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 181 page
background image
9.51
INTERNAL_FREQ_FINE (4Fh)
Internal frequency register (R)
Table 139. INTERNAL_FREQ_FINE register
FREQ_
FINE_7
FREQ_
FINE_6
FREQ_
FINE_5
FREQ_
FINE_4
FREQ_
FINE_3
FREQ_
FINE_2
FREQ_
FINE_1
FREQ_
FINE_0
Table 140. INTERNAL_FREQ_FINE register description
FREQ_FINE_[7:0]
Difference in percentage of the effective ODR (and timestamp rate) with respect to the typical.
Step: 0.13%. 8-bit format, two's complement.
The actual timestamp resolution and the actual output data rate can be calculated using the following formulas:
tactuals =
1
46080⋅ 1+0.0013⋅FREQ_FINE
ODRactualHz =7680⋅ 1+0.0013⋅FREQ_FINE
ODRcoeff
Table 141. ODRcoeff values
Selected ODR [Hz]
ODRcoeff
7.5
1024
15
512
30
256
60
128
120
64
240
32
480
16
960
8
1.92 kHz
4
3.84 kHz
2
7.68 kHz
1
LSM6DSV80X
Register description
DS14764 - Rev 1
page 82/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com