Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV80XTR Datasheet(PDF) 63 Page - STMicroelectronics

Part # LSM6DSV80XTR
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80XTR Datasheet(HTML) 63 Page - STMicroelectronics

Back Button LSM6DSV80XTR Datasheet HTML 59Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 60Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 61Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 62Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 63Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 64Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 65Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 66Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 181 page
background image
9.22
CTRL9 (18h)
Control register 9 (R/W)
Table 69. CTRL9 register
0(1)
HP_REF_
MODE_XL
XL_FASTSET
TL_MODE
HP_SLOPE_
XL_EN
LPF2_XL_EN
0(1)
USR_OFF_W
USR_OFF_
ON_OUT
1. This bit must be set to 0 for the correct operation of the device.
Table 70. CTRL9 register description
HP_REF_MODE_XL
Enables accelerometer high-pass filter reference mode (valid for high-pass path -
HP_SLOPE_XL_EN bit must be 1). Default value: 0
(0: disabled, 1: enabled)(1)
XL_FASTSETTL_MODE
Enables accelerometer LPF2 and HPF fast-settling mode. The filter sets the first sample after
writing this bit. Active only during device exit from power-down mode. Default value: 0
(0: disabled, 1: enabled)
HP_SLOPE_XL_EN
Accelerometer slope filter / high-pass filter selection. Refer to Figure 24. Default value: 0
(0: low-pass filter path selected;
1: high-pass filter path selected)
LPF2_XL_EN
Accelerometer high-resolution selection. Refer to Figure 24. Default value: 0
(0: output from first stage digital filtering selected;
1: output from LPF2 second filtering stage selected)
USR_OFF_W
Weight of XL user offset bits of registers XL_HG_X_OFS_USR (6Ch), XL_HG_Y_OFS_USR (6Dh),
XL_HG_Z_OFS_USR (6Eh). Default value: 0
(0: 2-10 g/LSB;
1: 2-6 g/LSB)
USR_OFF_ON_OUT
Enables accelerometer user offset correction block; it is valid for the low-pass path. Refer to
Figure 24. Default value: 0
(0: accelerometer user offset correction block bypassed;
1: accelerometer user offset correction block enabled)
1. When enabled, the first output data has to be discarded.
LSM6DSV80X
Register description
DS14764 - Rev 1
page 63/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com