Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV80XTR Datasheet(PDF) 29 Page - STMicroelectronics

Part # LSM6DSV80XTR
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80XTR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button LSM6DSV80XTR Datasheet HTML 25Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 26Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 27Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 28Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 29Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 30Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 31Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 32Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 181 page
background image
5.2.2
MIPI I3C® CCC supported commands
The list of MIPI I3C® CCC commands supported by the device is detailed in the following table.
Table 17. MIPI I3C® CCC commands
Command
Command code
Default
Description
ENTDAA
0x07
DAA procedure
SETDASA
0x87
Assign dynamic address using static address 0x6B/0x6A depending on SDO pin
ENEC
0x80 / 0x00
Target activity control (direct and broadcast)
DISEC
0x81/ 0x01
Target activity control (direct and broadcast)
ENTAS0
0x82 / 0x02
Enter activity state (direct and broadcast)
SETXTIME
0x98 / 0x28
Timing information exchange
GETXTIME
0x99
0x07
0x00
0x06
0x92
Timing information exchange
RSTDAA
0x06
Reset the assigned dynamic address (broadcast only)
SETMWL
0x89 / 0x08
Define maximum write length during private write (direct and broadcast)
SETMRL
0x8A / 0x09
Define maximum read length during private read (direct and broadcast)
SETNEWDA
0x88
Change dynamic address
GETMWL
0x8B
0x00
0x08
(2 byte)
Get maximum write length during private write
GETMRL
0x8C
0x00
0x10
0x0A
(3 byte)
Get maximum read length during private read
GETPID
0x8D
0x02
0x08
0x00
0x73
0x92
0x0B
SDO = 1
0x02
0x08
0x00
0x73
0x12
0x0B
SDO = 0
GETBCR
0x8E
0x27
(1 byte)
Bus characteristics register
GETDCR
0x8F
0x44 default
MIPI I3C® device characteristics register
GETSTATUS
0x90
0x00
0x00
(2 byte)
Status register
LSM6DSV80X
Digital interfaces
DS14764 - Rev 1
page 29/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com