Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV80XTR Datasheet(PDF) 12 Page - STMicroelectronics

Part # LSM6DSV80XTR
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80XTR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LSM6DSV80XTR Datasheet HTML 8Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 9Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 10Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 11Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 12Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 13Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 14Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 15Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 181 page
background image
4
Module specifications
4.1
Mechanical characteristics
@ VDD = 1.8 V, T = 25°C, unless otherwise noted.
Table 3. Mechanical characteristics
Symbol Parameter
Test conditions
Min. Typ.(1) Max.
Unit
LA_FS
Linear acceleration measurement range (low-g)
±2
g
±4
±8
±16
Linear acceleration measurement range (high-g)
±32
±64
±80
G_FS
Angular rate measurement range
±250
dps
±500
±1000
±2000
±4000
LA_So
Linear acceleration sensitivity (low-g)
FS = ±2 g
0.061
mg/LSB
FS = ±4 g
0.122
FS = ±8 g
0.244
FS = ±16 g
0.488
Linear acceleration sensitivity (high-g)
FS = ±32 g
0.976
mg/LSB
FS = ±64 g
1.952
FS = ±80 g
3.904
G_So
Angular rate sensitivity(2)
FS = ±250 dps
8.75
mdps/LSB
FS = ±500 dps
17.50
FS = ±1000 dps
35
FS = ±2000 dps
70
FS = ±4000 dps
140
G_So%
Sensitivity tolerance(2)
at component level
±0.3
%
LA_SoDr
Linear acceleration sensitivity change vs. temperature (low-g)(3)
from -40°C to +85°C
±0.01
%/°C
Linear acceleration sensitivity change vs. temperature (high-g)(3)
from -40°C to +85°C
±0.01
%/°C
G_SoDr Angular rate sensitivity change vs. temperature(3)
from -40°C to +85°C
±0.007
%/°C
LA_TyOff
Linear acceleration zero-g level offset accuracy (low-g)(4)
±12
mg
Linear acceleration zero-g level offset accuracy (high-g)(4)
±1.5
g
G_TyOff Angular rate zero-rate level(4)
±1
dps
LA_OffDr
Linear acceleration zero-g level change vs. temperature (low-g)(3)
±0.07
mg/°C
Linear acceleration zero-g level change vs. temperature (high-g)(3)
±2
mg/°C
G_OffDr Angular rate typical zero-rate level change vs. temperature(3)
±0.006
dps/°C
LSM6DSV80X
Module specifications
DS14764 - Rev 1
page 12/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com