Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV80XTR Datasheet(PDF) 52 Page - STMicroelectronics

Part # LSM6DSV80XTR
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80XTR Datasheet(HTML) 52 Page - STMicroelectronics

Back Button LSM6DSV80XTR Datasheet HTML 48Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 49Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 50Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 51Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 52Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 53Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 54Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 55Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 181 page
background image
9.8
FIFO_CTRL4 (0Ah)
FIFO control register 4 (R/W)
Table 38. FIFO_CTRL4 register
DEC_TS_
BATCH_1
DEC_TS_
BATCH_0
ODR_T_
BATCH_1
ODR_T_
BATCH_0
0(1)
FIFO_
MODE_2
FIFO_
MODE_1
FIFO_
MODE_0
1. This bit must be set to 0 for the correct operation of the device.
Table 39. FIFO_CTRL4 register description
DEC_TS_BATCH_[1:0]
Selects decimation for timestamp batching in FIFO. Write rate is the maximum rate between the
accelerometer and gyroscope BDR divided by decimation decoder.
(00: timestamp not batched in FIFO (default);
01: decimation 1: max(BDR_XL[Hz],BDR_GY[Hz]) [Hz];
10: decimation 8: max(BDR_XL[Hz],BDR_GY[Hz])/8 [Hz];
11: decimation 32: max(BDR_XL[Hz],BDR_GY[Hz])/32 [Hz])
ODR_T_BATCH_[1:0]
Selects batch data rate (write frequency in FIFO) for temperature data
(00: temperature not batched in FIFO (default);
01: 1.875 Hz;
10: 15 Hz;
11: 60 Hz)
FIFO_MODE_[2:0]
FIFO mode selection
(000: bypass mode: FIFO disabled (default);
001: FIFO mode: stops collecting data when FIFO is full;
010: continuousWTM-to-full mode: continuous mode with FIFO watermark size until trigger is
deasserted, then data are stored in FIFO until the buffer is full;
011: continuous-to-FIFO mode: continuous mode until trigger is deasserted, then FIFO mode;
100: bypass-to-continuous mode: bypass mode until trigger is deasserted, then continuous mode;
101: reserved;
110: continuous mode: if the FIFO is full, the new sample overwrites the older one;
111: bypass-to-FIFO mode: bypass mode until trigger is deasserted, then FIFO mode.)
LSM6DSV80X
Register description
DS14764 - Rev 1
page 52/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com