Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6740L Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6740L
Description  Hybrid controller (41) for AMD SVID and PVID processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6740L Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6740L Datasheet HTML 3Page - STMicroelectronics L6740L Datasheet HTML 4Page - STMicroelectronics L6740L Datasheet HTML 5Page - STMicroelectronics L6740L Datasheet HTML 6Page - STMicroelectronics L6740L Datasheet HTML 7Page - STMicroelectronics L6740L Datasheet HTML 8Page - STMicroelectronics L6740L Datasheet HTML 9Page - STMicroelectronics L6740L Datasheet HTML 10Page - STMicroelectronics L6740L Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
L6740L
Typical application circuit and block diagram
7/44
1.2
Block diagram
Figure 4.
Block diagram
L6740L
CONTROL LOGIC
OSC
OSC
CURRENT
BALANCE
AMD SVI / PVI FLEXIBLE
INTERFACE
CS2+
VCORE_REF
ERROR
AMPLIFIER
OFFSET
VCC
CS1-
SGND
CS1+
IDROOP
IOS
IOS
64k
64k
64k
64k
REMOTE
BUFFER
NB_REF
NB_COMP
NB_VSEN
NB_FBG
NB_FB
1.24V
NB_OS
30
µA
50
µA +I
NB_OS
OUTPUT VOLTAGE
MONITOR AND PROTECTION
MANAGEMENT
NB CURR
SENSE
PWM4
PWM3
PWM2
PWM1
Σ
Σ
Σ
Σ
CS2-
CS3+
CS3-
CS4+
CS4-
PWM1
PWM2
PWM3
PWM4
OSC
VCC
SGND
INB_DROOP
CORE - TOT CURRENT
(from SVI/PVI decoding)
CORE_REF
& NB_REF
ENDRV
NB_ENDRV
NB_ENDRV
ENDRV
ENDRV
NB_ENDRV
NB_DROOP
CS1-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com