Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6740L Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6740L
Description  Hybrid controller (41) for AMD SVID and PVID processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6740L Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6740L Datasheet HTML 7Page - STMicroelectronics L6740L Datasheet HTML 8Page - STMicroelectronics L6740L Datasheet HTML 9Page - STMicroelectronics L6740L Datasheet HTML 10Page - STMicroelectronics L6740L Datasheet HTML 11Page - STMicroelectronics L6740L Datasheet HTML 12Page - STMicroelectronics L6740L Datasheet HTML 13Page - STMicroelectronics L6740L Datasheet HTML 14Page - STMicroelectronics L6740L Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
L6740L
Pins description and connection diagrams
11/44
31
NB_VSEN
NB output voltage monitor.
It manages OVP and UVP protections and PWRGOOD. Connect to the
positive side of the NB load to perform remote sensing. See Section 9
for proper layout of this connection.
32
NB_DROOP
A current proportional to the total current read by the NB section is
sourced through this pin according to the Current Reading Gain
(RISEN). Short to NB_FB to implement Droop Function or connect to
SGND through a resistor and filter with 1nF capacitor to implement NB
LOAD Indicator. If not used, short to SGND.
33
NB_FB
NB error amplifier inverting input.
Connect with a resistor RFB_NB to NB_VSEN and with an RF_NB - CF_NB
to NB_COMP. Offset current programmed by NB_OS is sunk through
this pin.
34
NB_COMP
Error amplifier output.
Connect with an RF_NB - CF_NB to NB_FB. The NB Section or the device
cannot be disabled by grounding this pin.
35,
36
VID0, VID1
Voltage IDentification Pins.
Internally pulled-low by 10
µA, they are used to program the output
voltage. VID1 is monitored on the EN pin rising-edge to define the
operative mode of the controller (SVI or PVI). When in SVI Mode, VID0
is ignored. See Section 5 for details.
37
PWROK
System-wide Power Good Input (SVI Mode).
Internally pulled-low by 10
µA. When low, the device will decode the two
SVI bits (SVC, SVD) to determine the Pre-PWROK Metal VID (default
condition when pin is floating).
When high, the device will actively run the SVI protocol.
Pre-PWROK Metal VID are latched after EN is asserted and re-used in
case of PWROK de-assertion. Latch is reset by VCC or EN cycle.
38
EN
VR Enable. Internally pulled-up to 3.3V by 10
µA.
Pull-low to disable the device. When set free, the device immediately
checks for the VID1 status to determine the SVI / PVI protocol to be
adopted and configures itself accordingly. See Section 5 for details.
39
SVC / VID3
Voltage IDentification Pin - SVI Clock Pin.
Internally pulled-low by 10
µA, it is used to program the output voltage.
When in SVI-Mode, it is considered as Serial-VID-Data (Input / Open
Drain Output). See Section 5 for details.
40
SVD / VID2
Voltage IDentification Pins - SVI Data Pin.
Internally pulled-low by 10
µA, it is used to program the output voltage.
When in SVI-Mode, it is considered as Serial-VID-Data (Input / Open
Drain Output). See Section 5 for details.
41
PWRGOOD
VCORE and NB Power Good.
It is an open-drain output set free after SS as long as both the voltage
planes are within specifications. Pull-up to 3.3V (typ) or lower, if not
used it can be left floating.
When in PVI Mode, it monitors the CORE Section only.
Table 2.
Pin description (continued)
Pin#
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com