Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6740L Datasheet(PDF) 27 Page - STMicroelectronics

Part # L6740L
Description  Hybrid controller (41) for AMD SVID and PVID processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6740L Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L6740L Datasheet HTML 23Page - STMicroelectronics L6740L Datasheet HTML 24Page - STMicroelectronics L6740L Datasheet HTML 25Page - STMicroelectronics L6740L Datasheet HTML 26Page - STMicroelectronics L6740L Datasheet HTML 27Page - STMicroelectronics L6740L Datasheet HTML 28Page - STMicroelectronics L6740L Datasheet HTML 29Page - STMicroelectronics L6740L Datasheet HTML 30Page - STMicroelectronics L6740L Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
L6740L
Output voltage positioning
27/44
6.6
NB section - Load-line and load-indicator (Optional)
This method introduces a dependence of the output voltage on the load current recovering
part of the drop due to the output capacitor ESR in the load transient. Introducing a depen-
dence of the output voltage on the load current, a static error, proportional to the output cur-
rent, causes the output voltage to vary according to the sensed current.
Figure 10 shows the Current Sense Circuit used to implement the Load-Line. The current
flowing across the Low-Side MOSFET is read through RISEN. RISEN programs a transcon-
ductance gain and generates a current IISEN proportional to the current delivered by the NB
Section that is then sourced by the NB_FB pin (IDROOP_NB). RFB_NB gives the final gain to
program the desired load-line slope (Figure 9).
The output characteristic vs. load current is then given by (Offset disabled):
Where RLL_NB is the resulting Load-Line resistance implemented by the NB Section.
The whole power supply can be then represented by a “real” voltage generator with an
equivalent output resistance RLL_NB and a voltage value of VID.
RFB_NB resistor can be then designed according to the RLL_NB specifications as follow:
Caution:
Load-Line (DROOP) implementation is optional, in case it is not desired, the resulting cur-
rent information may be employed for other purposes, such as Load Indicator (LI). In this
case, simply connect a resistor RLI_NB to SGND: the resulting voltage drop across RLI_NB
will be proportional to the delivered current according to the following relationship:
Note:
Split between RFB_COMP_NB and RFB_DROOP_NB (Figure 9) is useful in custom designs
where the Droop effect is minimum (i.e. <50mV over 100A) to simplify the compensation
network design.
6.7
NB section - Offset (Optional)
The NB_OS pin allows programming a positive offset (VOS_NB) for the NB Section output
voltage by connecting a resistor ROS_NB to SGND. The pin is internally fixed at 1.240V so a
current is programmed by connecting the resistor ROS_NB between the pin and SGND: this
current is mirrored and then properly sunk from the NB_FB pin as shown in Figure 9. Output
voltage is then programmed as follow:
Offset resistor can be designed by considering the following relationship (RFB_NB may be
fixed by the Droop effect):
V
OUT_NB
VID
R
FB_NB
I
DROOP_NB
⋅
–
VID
R
FB_NB
R
dsON
R
ISEN
----------------- I
OUT
⋅⋅
–
VID
R
LL_NB
I
OUT_NB
⋅
–
==
=
R
FB_NB
R
LL_NB
R
ISEN
R
dsON
-----------------
⋅
=
V
NB_DROOP
R
LI_NB
R
dsON
R
ISEN
----------------- I
OUT_NB
⋅⋅
=
V
NB
VID
R
FB_NB
I
DROOP_NB IOS_NB
–
()
⋅
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com