Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6740L Datasheet(PDF) 28 Page - STMicroelectronics

Part # L6740L
Description  Hybrid controller (41) for AMD SVID and PVID processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6740L Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L6740L Datasheet HTML 24Page - STMicroelectronics L6740L Datasheet HTML 25Page - STMicroelectronics L6740L Datasheet HTML 26Page - STMicroelectronics L6740L Datasheet HTML 27Page - STMicroelectronics L6740L Datasheet HTML 28Page - STMicroelectronics L6740L Datasheet HTML 29Page - STMicroelectronics L6740L Datasheet HTML 30Page - STMicroelectronics L6740L Datasheet HTML 31Page - STMicroelectronics L6740L Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
Output voltage positioning
L6740L
28/44
Caution:
Offset implementation is optional, in case it is not desired, simply short the pin to SGND.
Note:
In the above formulas, RFB_NB has to be considered being the total resistance connected
between NB_FB pin and the regulated voltage.
6.8
NB section - Maximum Duty-Cycle limitation
To provide proper time for current-reading across the Low-Side MOSFET, the device imple-
ments a duty-cycle limitation for the NB Section. This limitation is not fixed but it is linearly
variable with the current delivered to the load as follow:
Duty Cycle limitation is variable with the delivered current to provide fast load transient
response at light load as well as assuring robust over-current protection.
6.9
On-The-Fly VID transitions
L6740L manages On-The-Fly VID Transitions that allow the Output Voltage of both sections
to modify during normal device operation for CPU power management purposes. OV, UV
and PWRGOOD signals are masked during every OTF-VID Transition and they are re-acti-
vated with a 16 clock cycle delay to prevent from false triggering.
When changing dynamically the regulated voltage (OTF-VID), the system needs to charge
or discharge the output capacitor accordingly. This means that an extra-current IOTF-VID
needs to be delivered (especially when increasing the output regulated voltage) and it must
be considered when setting the over current threshold of both the sections. This current
results:
where dVOUT / dTVID depends on the operative mode (3mV/µsec. in SVI or externally driven
in PVI).
Overcoming the OC threshold during the dynamic VID causes the device latch and disable.
Dynamic VID transition is managed in different ways according to the device operative
mode:
●
PVI mode.
L6740L checks for VID code modifications (See Figure 11) on the rising-edge of an
internal additional OTFVID-clock and waits for a confirmation on the following falling
edge. Once the new code is stable, on the next rising edge, the reference starts
stepping up or down in LSB increments every two OTFVID-clock cycle until the new
VID code is reached. During the transition, VID code changes are ignored; the device
R
OS_NB
1.240V
V
OS_NB
-------------------- R
FB_NB
⋅
=
T
ON_NB(max)
0.80 T
SW
I
NB_ISEN
0
µA
=
⋅
0.40 T
SW
I
NB_ISEN
35
µA
=
⋅
⎩
⎨
⎧
=
I
OTF-VID
C
OUT
dV
OUT
dT
VID
------------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com