Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6740L Datasheet(PDF) 29 Page - STMicroelectronics

Part # L6740L
Description  Hybrid controller (41) for AMD SVID and PVID processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6740L Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L6740L Datasheet HTML 25Page - STMicroelectronics L6740L Datasheet HTML 26Page - STMicroelectronics L6740L Datasheet HTML 27Page - STMicroelectronics L6740L Datasheet HTML 28Page - STMicroelectronics L6740L Datasheet HTML 29Page - STMicroelectronics L6740L Datasheet HTML 30Page - STMicroelectronics L6740L Datasheet HTML 31Page - STMicroelectronics L6740L Datasheet HTML 32Page - STMicroelectronics L6740L Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
L6740L
Output voltage positioning
29/44
re-starts monitoring VID after the transition has finished on the next rising-edge
available. OTFVID-clock frequency (FOTFVID) is 500kHz.
If the new VID code is more than 1 LSB different from the previous, the device will
execute the transition stepping the reference with the OTFVID-clock frequency FOTFVID
until the new code has reached. The output voltage rate of change will be of 12.5mV /
4
µsec. = 3.125mV/µsec.
Figure 11.
PVI mode - On-The-Fly VID transitions
●
SVI mode.
As soon as the controller receives a new valid command to set the VID level for one (or
both) of the two sections, the reference of the involved section steps up or down
according to the Target-VID with a 3mV/
µsec. slope (Typ). until the new VID code is
reached.
If a new valid command is issued during the transition, the device updates the Target-
VID level and performs the on-the-fly Transition up to the new code.Pre-PWROK Metal
VID
OTF-VID are not managed in this case because the Pre-PWROK Metal VID are stored
after EN is asserted.
●
V_FIX mode.
L6740L checks for SVC/SVD modifications and, once the new code is stable, it steps
the reference of both sections up or down according to the Target-VID with a
3mV/
µsec. slope (Typ). until the new VID code is reached.
OV, UV and PWRGOOD are masked during the transition and re-activated with a 16 clock
cycle delay after the end of the transition to prevent from false triggering.
TOTFVID
x 4 Step VID Transition
t
t
t
VID [0:5]
Int. Reference
Vout
Tsw
4 x 1 Step VID Transition
TVID
t
OTFVID Clock
Vout Slope Controlled by internal
OTFVID-Clock Oscillator
Vout Slope Controlled by external
driving circuit (TVID)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com