Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6740L Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6740L
Description  Hybrid controller (41) for AMD SVID and PVID processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6740L Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6740L Datasheet HTML 6Page - STMicroelectronics L6740L Datasheet HTML 7Page - STMicroelectronics L6740L Datasheet HTML 8Page - STMicroelectronics L6740L Datasheet HTML 9Page - STMicroelectronics L6740L Datasheet HTML 10Page - STMicroelectronics L6740L Datasheet HTML 11Page - STMicroelectronics L6740L Datasheet HTML 12Page - STMicroelectronics L6740L Datasheet HTML 13Page - STMicroelectronics L6740L Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
Pins description and connection diagrams
L6740L
10/44
19
CS4+
Channel 4 Current Sense Positive Input. Connect through an R-C filter
to the phase-side of the channel 4 inductor. When working at 2 or 3
phase, directly connect to Vout_CORE.
See Section 9 for proper layout of this connection.
20
CS4-
Channel 4 Current Sense Negative Input. Connect through a RG resis-
tor to the output-side of the channel inductor. When working at 2 or 3
phase, connect through RG to CS4+.
See Section 9 for proper layout of this connection.
21
OC_PHASE
Per-Phase Over Current (CORE Section).
Internally set to 1.24V, connecting to SGND with a resistor ROC_TH it
programs the OC threshold per-phase. See Section 7.4.1 for details.
22
NC
Not internally connected.
23
NB_ISEN
NB Current Sense Pin.
Used for NB voltage positioning and NB_OCP. Connect through a resis-
tor RISEN to the relative LS Drain. See Section 7.4 for details.
24
NC
Not internally connected.
25,
26
VID4, VID5
Voltage IDentification Pins.
Internally pulled-low by 10
µA, they are used to program the output
voltage. Used only in PVI-Mode, ignored when in SVI-Mode.See
Section 5 for details.
27
OSC / FLT
OSC: It allows programming the switching frequency FSW of both Sec-
tions. Switching frequency can be increased according to the resistor
ROSC connected from the pin to. SGND with a gain of 6.8kHz/µA (see
Section 8 for details). If floating, the switching frequency is 150kHz per
phase.
FLT: The pin is forced high (3.3V) in case of an OV / UV fault. To
recover from this condition, cycle VCC or the EN pin. See Section 7 for
details.
28
OC_AVG /
LI
Average Over Current and Load Indicator Pin.
A current proportional to the current delivered by the CORE Section (a
copy of the DROOP current) is sourced through this pin.
The Average-OC threshold is programmed by connecting a resistor
ROC_AVG to SGND. When the generated voltage crosses the OC_AVG
threshold (VOC_AVGTH = 2.5V Typ) the device latches with all mosfets
OFF (to recover, cycle VCC or the EN pin).
A load indicator with 2.5V end-of-scale is then implemented.
See Section 7.4.1 for details.
29
NB_OS
Offset Programming Pin.
Internally set to 1.24V, connecting a ROS_NB resistor to SGND allows
setting a current that is mirrored into NB_FB pin in order to program a
positive offset according to the selected RFB_NB. Short to SGND to dis-
able the function. See Section 6.7 for details.
30
NB_FBG
Remote Ground Sense.
Connect to the negative side of the load to perform remote sense. See
Section 9 for proper layout of this connection.
Table 2.
Pin description (continued)
Pin#
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com