Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6740L Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6740L
Description  Hybrid controller (41) for AMD SVID and PVID processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6740L Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6740L Datasheet HTML 10Page - STMicroelectronics L6740L Datasheet HTML 11Page - STMicroelectronics L6740L Datasheet HTML 12Page - STMicroelectronics L6740L Datasheet HTML 13Page - STMicroelectronics L6740L Datasheet HTML 14Page - STMicroelectronics L6740L Datasheet HTML 15Page - STMicroelectronics L6740L Datasheet HTML 16Page - STMicroelectronics L6740L Datasheet HTML 17Page - STMicroelectronics L6740L Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
Electrical specifications
L6740L
14/44
PSI_L
Voltage Low
ISINK = -5mA
250
mV
Voltage positioning (CORE and NB Section)
CORE
Output voltage accuracy
VSEN to VCORE; FBG to GNDCORE
-8
8
mV
NB
NBVSEN to VNB; NBFBG to GNDFB
-10
10
mV
OS, NB_OS
OFFSET bias voltage
IOS = 0 to 250µA
1.190
1.24
1.290
V
OFFSET current range
0
250
µA
OFFSET - IFB accuracy
IOS = 0 to 250µA
-15
15
%
DROOP
DROOP accuracy
IDROOP = 0 to 140µA; OS = OFF
-9
9
µA
NB_DROOP
INB_DROOP = 0 to 35µA; OS = OFF
-4
4
µA
A0
EA DC gain
100
dB
SR
Slew rate
COMP, NB_COMP to SGND = 10pF
20
V/
µs
PWM outputs (CORE and NB Section)
PWMx,
NB_PWM
Output high
I = 1mA
3
3.6
V
Output low
I = -1mA
0.2
V
IPWMx
Test current
10
µA
ENDRV,
NB_ENDRV
Output low
I = -5mA
0.4
V
Protections
OVP
Over voltage protection
V_FIX Mode (V_FIX = SGND);
VSEN, NB_VSEN Rising
1.720
1.800
1.880
V
Bias current
7
11
15
µA
OV programmability
ROVP = 180kΩ
1.730
1.800
1.870
V
UVP
Under voltage protection
VSEN, NB_VSEN Falling; wrt Ref.
-470
-400
-330
mV
PWRGOOD
PGOOD threshold
VSEN, NB_VSEN Falling; wrt Ref
-300
-250
-200
mV
Voltage low
IPWRGOOD = -4mA
0.4
V
IVSEN-DISC
VSEN disconnection
Sourced from NB_VSEN; OS = OFF
50
µA
Sunk from VSEN; OS = OFF
30
µA
VFB-DISC
FB disconnection
CORE - VCS- Rising, above VSEN
500
600
700
mV
FBG DISC
FBG disconnection
EA NI input wrt VID
350
450
550
mV
OC_PHASE Per-phase OC
CORE section; bias voltage
1.200
1.240
1.280
V
kVOC_AVGTH
Average OC
CORE section
2.430
2.500
2.570
V
kIOC_AVGTH
IDROOP = 0 to 140µA; OS = OFF
-11
11
µA
IOCTH_NB
OC threshold
NB section
32
37.5
43
µA
Table 5.
Electrical characteristics (continued)
(VCC=12V±15%, TJ = 0°C to 70°C unless otherwise specified).
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com