Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6740L Datasheet(PDF) 31 Page - STMicroelectronics

Part # L6740L
Description  Hybrid controller (41) for AMD SVID and PVID processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6740L Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L6740L Datasheet HTML 27Page - STMicroelectronics L6740L Datasheet HTML 28Page - STMicroelectronics L6740L Datasheet HTML 29Page - STMicroelectronics L6740L Datasheet HTML 30Page - STMicroelectronics L6740L Datasheet HTML 31Page - STMicroelectronics L6740L Datasheet HTML 32Page - STMicroelectronics L6740L Datasheet HTML 33Page - STMicroelectronics L6740L Datasheet HTML 34Page - STMicroelectronics L6740L Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
L6740L
Output voltage monitoring and protections
31/44
7
Output voltage monitoring and protections
L6740L monitors the regulated voltage of both sections through pin VSEN and NB_VSEN in
order to manage OV, UV and PWRGOOD. The device shows different thresholds when in
different operative conditions but the behavior in response to a protection event is still the
same as described below.
Protections are active also during soft-start (See Section 6.10) while they are masked dur-
ing OTF-VID transitions with an additional delay to avoid false triggering.
Table 12.
L6740L protection at a glance.
7.1
Programmable over voltage
Once VCC crosses the turn-ON threshold and the device is enabled (EN = 1), L6740L pro-
vides an Over Voltage Protection for both the sections: when the voltage sensed by VSEN
and/or NB_VSEN overcomes the OV threshold, the controller:
Permanently sets the PWM of the involved section to zero keeping ENDRV of that
section high in order to keep all the Low-Side MOSFETs on to protect the load of
the Section in OV condition.
Protection
Section
CORE
NORTH BRIDGE
Over voltage
(OV)
SVI / PVI: Programmable threshold according to OVP pin.
V_FIX: Fixed to 1.8V; OVP pin is externally shorted to SGND.
Action: PWMx = 0 & ENDRVx = 1; Other Section (SVI only): PWMx = HiZ;
ENDRVx = 0; FLT driven High.
Under voltage
(UV)
VSEN, NB_VSEN = VID -400mV. Active after Ref > 500mV
Action: All PWMx = HiZ; ENDRVx = 0; FLT Driven High.
PWRGOOD
PWRGOOD is the logic AND between internal CORE and NB PGOOD in SVI
mode while is the CORE section PGOOD in PVI mode.
Each PGOOD is set to zero when the related voltage falls below the
programmed reference -250mV.
Action: Section(s) continue switching, PWRGOOD driven low.
VSEN, NB_VSEN
Disconnection
Set when VSEN > CS1- +600mV.
Action: UV-Like
30
µA Pull-Up from NB_VSEN to set
OV (SVI Only).
Action: OV-Like
FBG, NB_FBG
Disconnection
Internal Comparator across the opamp to recover from GND losses.
Action: UV-Like
Over current (OC)
Current Monitor across Inductor DCR.
Dual Protection, per-phase and average.
Action: UV-Like
Current Monitor across LS RdsON.
Constant Current, Valley CLimit.
Action: UV-Like
On-The-Fly VID
Masked with the exception of OC with additional 16 clock delay to prevent from
false triggering (both SVI and PVI).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com