Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6740L Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6740L
Description  Hybrid controller (41) for AMD SVID and PVID processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6740L Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6740L Datasheet HTML 14Page - STMicroelectronics L6740L Datasheet HTML 15Page - STMicroelectronics L6740L Datasheet HTML 16Page - STMicroelectronics L6740L Datasheet HTML 17Page - STMicroelectronics L6740L Datasheet HTML 18Page - STMicroelectronics L6740L Datasheet HTML 19Page - STMicroelectronics L6740L Datasheet HTML 20Page - STMicroelectronics L6740L Datasheet HTML 21Page - STMicroelectronics L6740L Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
Hybrid CPU support and CPU_TYPE detection
L6740L
18/44
5.3
SVI - serial interface
SVI is a two wire, Clock and Data, bus that connects a single master (CPU) to one slave
(L6740L). The master initiates and terminates SVI transactions and drives the clock, SVC,
and the data, SVD, during a transaction. The slave receives the SVI transactions and acts
accordingly. SVI wire protocol is based on fast-mode I2C.
SVI interface also considers two additional signal needed to manage the system start-up.
These signals are EN and PWROK. The device return a PWRGOOD signal if the output
voltages are in regulation.
5.4
SVI start-up
Once the SVI mode has been detected on the EN rising-edge, L6740L checks for the status
of the two serial VID pins, SVC and SVD, and stores this value as the Pre-PWROK Metal
VID. The controller initiate a soft-start phase regulating both CORE and NB voltage planes
to the voltage level prescribed by the Pre-PWROK Metal VID. See Table 7 for details about
Pre-PWROK Metal VID codifications. The stored Pre-PWROK Metal VID value are re-used
in any case of PWROK de-assertion.
After bringing the output rails into regulation, the controller asserts the PWRGOOD signal
and waits for PWROK to be asserted. Until PWROK is asserted, the Controller regulates to
the Pre-PWROK Metal VID ignoring any commands coming from the SVI interface.
After PWROK is asserted, the processor has initialized the serial VID interface and L6740L
waits for commands from the CPU to move the voltage planes from the Pre-PWROK Metal
VID values to the operative VID values. As long as PWROK remains asserted, the controller
will react to any command issued through the SVI interface according to SVI Protocol.
See Section 6.10 for details about Soft-Start.
Table 7.
V_FIX mode and MetalVID
5.4.1
Set VID command
The Set VID Command is defined as the command sequence that the CPU issues on the
SVI bus to modify the voltage level of the CORE Section and/or the NB Section.
During a Set VID Command, the processor sends the start (START) sequence followed by
the address of the Section which the Set VID Command applies. The processor then sends
the write (WRITE) bit. After the write bit, the Voltage Regulator (VR) sends the acknowledge
(ACK) bit. The processor then sends the VID bits code during the data phase. The VR
sends the acknowledge (ACK) bit after the data phase. Finally, the processor sends the stop
(STOP) sequence. After the VR has detected the stop, it performs an On-the-Fly VID
SVC
SVD
Output voltage [V]
Pre-PWROK Metal VID
V_FIX Mode
0
0
1.1V
1.4V
0
1
1.0V
1.2V
1
0
0.9V
1.0V
1
1
0.8V
0.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com