Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4522-1ARMZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADA4522-1ARMZ-R7
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-1ARMZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADA4522-1ARMZ-R7 Datasheet HTML 25Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 26Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 27Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 28Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 29Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 30Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 31Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 32Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
Data Sheet
ADA4522-1/ADA4522-
2/ADA4522-4
analog.com
Rev I 29 of 48
On-Chip Input EMI Filter and Clamp Circuit
Figure 72
shows the input EMI filter and clamp circuit. The ADA4522-1/ADA4522-2/ADA4522-4 have internal ESD
protection diodes (D1, D2, D3, and D4) that are connected between the inputs and each supply rail. These diodes
protect the input transistors in the event of electrostatic discharge and are reverse biased during normal operation.
This protection scheme allows voltages as high as approximately 300 mV beyond the rails to be applied at the input
of either terminal without causing permanent damage. See Table 5 in the Absolute Maximum Ratings section for more
information.
The EMI filter is composed of two 200 Ω input series resistors (RS1 and RS2), two common-mode capacitors (CCM1 and
CCM2), and a differential capacitor (CDM). These RC networks set the −3 dB low-pass cutoff frequencies at 50 MHz for
common-mode signals, and at 33 MHz for differential signals. After the EMI filter, back to back diodes (D5 and D6) are
added to protect internal circuit devices from high voltage input transients. Each diode has about 1 V of forward turn
on voltage. See the Large Signal Transient Response section for more information on the effect of high voltage input
transient on the ADA4522-1/ADA4522-2/ADA4522-4.
As specified in the Absolute Maximum Ratings section (see Table 5), the maximum input differential voltage is limited
to ±5 V. If more than ±5 V is applied, a continuous current larger than ±10 mA flows through one of the back to back
diodes. This current compromises long-term reliability and can cause permanent damage to the device.
Figure 72.Input EMI Filter and Clamp Circuit
Thermal Shutdown
The ADA4522-1/ADA4522-2/ADA4522-4 have internal thermal shutdown circuitry for each channel of the amplifier.
The thermal shutdown circuitry prevents internal devices from being damaged by an overheat condition in the die.
Overheating can occur due to a high ambient temperature, a high supply voltage, and/or high output currents. As
specified in Table 5, take care to maintain the junction temperature below 150°C.
Two conditions affect junction temperature (TJ): the total power dissipation of the device (PD) and the ambient
temperature surrounding the package (TA). Use the following equation to estimate the approximate junction
temperature:
TJ = PD × θJA + TA
(1)
where θJA is the thermal resistance between the die and the ambient environment, as shown in Table 6.
The total power dissipation is the sum of quiescent power of the device and the power required to drive a load for
all channels of an amplifier. The power dissipation per amplifier (PD_PER_AMP) for sourcing a load is shown in Equation
2.
PD_PER_AMP = (VSY+− VSY−) × ISY_PER_AMP + IOUT × (VSY+ − VOUT)
(2)
When sinking current, replace (VSY+ − VOUT) in Equation 2 with (VOUT − VSY−).
V+
+IN x
–IN x
V–
RS1
200Ω
RS2
200Ω
D1
D2
D5
D6
D4
D3
CCM1
CDM
CCM2
NOTES
1. THE INPUTS ARE +IN x/–IN x ON THE ADA4522-2
AND ADA4522-4, AND +IN/–IN ON THE ADA4522-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com