Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4522-1ARMZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADA4522-1ARMZ-R7
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-1ARMZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADA4522-1ARMZ-R7 Datasheet HTML 27Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 28Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 29Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 30Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 31Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 32Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 33Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 34Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
Data Sheet
ADA4522-1/ADA4522-
2/ADA4522-4
analog.com
Rev I 31 of 48
Figure 73.Input and Output Waveforms, No Phase Reversal
Large Signal Transient Response
When the ADA4522-1/ADA4522-2/ADA4522-4 are configured in a closed-loop configuration with a large input
transient (for example, a step input voltage), the internal back to back diodes may turn on. Consider a case where
the amplifier is in unity-gain configuration with a step input waveform. This case is shown in Figure 74.
The noninverting input is driven by an input signal source and the inverting input is driven by the output of the
amplifier. The maximum amplifier output current depends on the input step function and the external source
resistance at the input terminals of the amplifier.
Case 1
If the external source resistance is low (for example, 100 Ω in Figure 75
) or if the input step function is large, the
maximum amplifier output current is limited to the output short-circuit current as specified in the Specifications
section. The maximum differential voltage between the input signal and the amplifier output is then limited by the
maximum amplifier output current multiplied by the total input resistance (internal and external) and the turn-on
voltage of the back to back diode (see Figure 72 for the input EMI filter and clamp circuit architecture).
When the noninverting input voltage changes with a step signal, the inverting input voltage (and, therefore, the
output voltage) follows the change quickly until it reaches the maximum differential voltage between the input
signal and amplifier output possible. The inverting input voltage then starts slewing with the slew rate specified in
the Specifications section until it reaches its desired output. Therefore, as seen in Figure 74, there are two
distinctive sections of the rising and falling edge of the output waveform. With this test condition, the amount and
duration of the input/output current is limited and, therefore, does not damage the amplifier.
20
0
–20
10
–10
20
0
–20
10
–10
TIME (400s/DIV)
VSY = ±15V
AV = 1
VIN
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com