Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4522-1ARMZ-R7 Datasheet(PDF) 39 Page - Analog Devices

Part # ADA4522-1ARMZ-R7
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-1ARMZ-R7 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADA4522-1ARMZ-R7 Datasheet HTML 35Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 36Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 37Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 38Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 39Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 40Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 41Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 42Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
Data Sheet
ADA4522-1/ADA4522-
2/ADA4522-4
analog.com
Rev I 39 of 48
Figure 83.Precision Weigh Scale Measurement System
Precision Low-Side Current Shunt Sensor
Many applications require the sensing of signals near the positive or negative rails. Current shunt sensors are one
such application and are mostly used for feedback control systems. They are also used in a variety of other
applications, including power metering, battery fuel gauging, and feedback controls in industrial applications. In
such applications, it is desirable to use a shunt with very low resistance to minimize series voltage drop. This
configuration not only minimizes wasted power, but also allows the measurement of high currents while saving
power.
A typical shunt may be 100 mΩ. At a measured current of 1 A, the voltage produced from the shunt is 100 mV, and the
amplifier error sources are not critical. However, at low measured current in the 1 mA range, the 100 µV generated
across the shunt demands a very low offset voltage and drift amplifier to maintain absolute accuracy. The unique
attributes of a zero drift amplifier provide a solution. Figure 84 shows a low-side current sensing circuit using the
ADA4522-1/ADA4522-2/ADA4522-4. The ADA4522-1/ADA4522-2/ADA4522-4 are configured as difference amplifiers
with a gain of 1000. Although the ADA4522-1/ADA4522-2/ADA4522-4 have high CMRR, the CMRR of the system is
limited by the external resistors. Therefore, as mentioned in the Single-Supply Instrumentation Amplifier section, the
key to high CMRR for the system is resistors that are well matched from both the resistive ratio and relative drift,
where R1/R2 = R3/R4.
Any unused channel of the ADA4522-1/ADA4522-2/ADA4522-4 must be configured in unity gain with the input
common-mode voltage tied to the midpoint of the power supplies.
Figure 84.Low-Side Current Sensing Circuit
OUT+
SENSE–
SENSE+
OUT–
VEXC
1/2
V+
R1 11.3kΩ
C1 3.3µF
1/2
ADA4522-2
ADA4522-2
R2 11.3kΩ
C2 3.3µF
RG
60.4Ω
R3
1kΩ
R4
1kΩ
C4
1µF
C5
10µF
C3
1µF
AIN(+)
REF(–)
REF(+)
DOUT/
RDY
DIN
AIN(–)
GND
VDD
+5V
AD7791
100pF
1µF
100pF
SCLK
CS
LOAD
CELL
R2
100kΩ
VSY
VSY
VOUT*
*VOUT = AMPLIFIER GAIN × VOLTAGE ACROSS RS
= 1000 × RS × I
= 100 × I
RL
RS
0.1Ω
R1
100Ω
I
ADA4522-1/
ADA4522-2/
ADA4522-4
R4
100kΩ
R3
100Ω
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com