Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4522-1ARMZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADA4522-1ARMZ-R7
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-1ARMZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADA4522-1ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 16Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 17Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 18Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 19Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 20Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 21Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 22Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
Data Sheet
ADA4522-1/ADA4522-
2/ADA4522-4
analog.com
Rev I 19 of 48
Figure 18.Input Bias Current (IB) vs. Temperature,
VSY = ±2.5 V
Figure 19.Input Bias Current (IB) vs. Temperature,
VSY = ±27.5 V
Figure 20.Input Bias Current (IB) vs. Temperature,
VSY = ±15 V
Figure 21.Supply Current (ISY) per Amplifier vs. Supply
Voltage (VSY)
Figure 22.Output Voltage High (VOH) to Supply Rail vs. Load
Current (ILOAD)
Figure 23.Output Voltage Low (VOL) to Supply Rail vs. Load
Current (ILOAD)
1600
–400
–200
1200
400
800
0
1000
200
600
1400
–50
0
100
50
–25
75
25
125
TEMPERATURE (°C)
VSY = ±2.5V
VCM = VSY/2
IB+
IB–
IOS
4000
–1000
–500
3000
1000
2000
0
2500
500
1500
3500
–50
0
100
50
–25
75
25
125
TEMPERATURE (°C)
VSY = ±27.5V
VCM = VSY/2
IB+
IB–
IOS
2500
–500
0
1500
500
1000
2000
–50
0
100
50
–25
75
25
125
TEMPERATURE (°C)
VSY = ±15V
VCM = VSY/2
IB+
IB–
IOS
1.0
0
0.4
0.2
0.6
0.8
0
5
10
15
20
25
30
35
40
45
50
55
60
VSY (V)
+125°C
+85°C
+25°C
–40°C
VSY = ±2.5V TO ±27.5V
100k
0.1
100
1
10
1k
10k
0.001
0.1
10
0.01
1
100
ILOAD (mA)
+125°C
+85°C
+25°C
–40°C
100k
0.1
100
1
10
1k
10k
0.001
0.1
10
0.01
1
100
ILOAD (mA)
VSY = ±2.5V TO ±27.5V
+125°C
+85°C
+25°C
–40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com