Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4522-1ARMZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADA4522-1ARMZ-R7
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-1ARMZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADA4522-1ARMZ-R7 Datasheet HTML 17Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 18Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 19Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 20Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 21Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 22Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 23Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 24Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
Data Sheet
ADA4522-1/ADA4522-
2/ADA4522-4
analog.com
Rev I 21 of 48
Figure 30.CMRR vs. Frequency
Figure 31.PSRR vs. Frequency
Figure 32.Closed-Loop Output Impedance vs. Frequency
Figure 33.Supply Current (ISY) per Amplifier vs.
Temperature, VSY = 5V, 30V, 55V
Figure 34.Open-Loop Gain and Phase Margin vs. Frequency
Figure 35.Closed-Loop Gain vs. Frequency
140
0
40
20
80
120
60
100
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VSY = ±2.5V TO ±27.5V
140
–20
0
40
20
80
120
60
100
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
PSRR+
PSRR–
VSY = ±2.5V TO ±27.5V
1k
0.001
0.01
1
100
0.1
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
AV = 100
AV = 10
AV = 1
VSY = ±2.5V TO ±27.5V
0.840
0.805
0.815
0.810
0.825
0.835
0.820
0.830
–50
–25
0
25
50
75
100
125
150
TEMPERATURE (°C)
5V
30V
55V
120
–40
20
0
–20
60
100
40
80
135
–45
0
45
90
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
CL = 50pF
CL = 100pF
CL = 50pF
CL = 100pF
PHASE
GAIN
VSY = ±2.5V TO ±27.5V
RL = 10kΩ
FREQUENCY (Hz)
AV = 10
AV = 1
VSY = ±2.5V TO ±27.5V
AV = 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com