Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4522-1ARMZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4522-1ARMZ-R7
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-1ARMZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADA4522-1ARMZ-R7 Datasheet HTML 1Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 2Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 3Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
Data Sheet
ADA4522-1/ADA4522-2/ADA4522-4
55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational
Amplifiers
Rev I; 3/25
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
One Analog Way, Wilmington, MA 01887 -2356, U.S.A.
Tel: 781.329.4700
©2024 Analog Devices, Inc. All rights reserved.
FEATURES
Low offset voltage: 5 µV maximum
Extremely low offset voltage drift: 22 nV/°C maximum
Low voltage noise density: 5.8 nV/√Hz typical
117 nV p-p typical from 0.1 Hz to 10 Hz
Low input bias current: 50 pA typical
Unity-gain crossover: 3 MHz typical
Single-supply operation: input voltage range
includes ground and rail-to-rail output
Wide range of operating voltages
Single-supply operation: 4.5 V to 55 V
Dual-supply operation: ±2.25 V to ±27.5 V
Integrated EMI filters
Unity-gain stable
AEC-Q100 qualified for automotive applications
APPLICATIONS
Inductance, capacitance, and resistance (LCR)
meter/ megohmmeter front-end amplifiers
Load cell and bridge transducers
Magnetic force balance scales
High precision shunt current sensing
Thermocouple/resistance temperature detector
(RTD) sensors
Programmable logic controller (PLC) input and
output amplifiers
Automotive sensors
On-board chargers (OBC) and DC-DC converters
Battery management systems (BMS)
Traction inverter
GENERAL DESCRIPTION
The
ADA4522-1/ADA4522-2/ADA4522-4
are
single/dual/quad channel, zero drift op amps with low
noise and power, ground sensing inputs, and rail-to-rail
output, optimized for total accuracy over time,
temperature, and voltage conditions. The wide
operating voltage and temperature ranges, as well as
the high open-loop gain and very low DC and AC errors
make the devices well suited for amplifying very small
input signals and for accurately reproducing larger
signals in a wide variety of applications.
The ADA4522-1/ADA4522-2/ADA4522-4 performance is
specified at 5.0 V, 30 V, and 55 V power supply voltages.
These devices operate over the range of 4.5 V to 55 V,
and are excellent for applications using single-ended
supplies of 5 V, 10 V, 12 V, and 30 V, or for applications
using higher single supplies and dual supplies of ±2.5 V,
±5 V, and ±15 V. The ADA4522-1/ADA4522-2/ADA4522-4
use on-chip filtering to achieve high immunity to
electromagnetic interference (EMI).
The
ADA4522-1/ADA4522-2/ADA4522-4
are
fully
specified over the extended industrial temperature
range of −40°C to +125°C and are available in 8
-lead
MSOP, 8-lead SOIC, 14-lead SOIC, and 14-lead TSSOP
packages.
Figure 1. Voltage Noise Density vs. Frequency, VSY= 5 V,
30 V, 55 V
100
10
1
0.1
10
100k
1M
10k
1k
100
FREQUENCY (Hz)
AV = 100
5V
30V
55V


Similar Part No. - ADA4522-1ARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4522-1ARMZ-R7 AD-ADA4522-1ARMZ-R7 Datasheet
1,014Kb / 32P
55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
Rev. E
ADA4522-1ARMZ-R7 AD-ADA4522-1ARMZ-R7 Datasheet
4Mb / 33P
55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational
Rev. G
More results

Similar Description - ADA4522-1ARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA188 TI1-OPA188 Datasheet
483Kb / 23P
0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2180 TI1-OPA2180 Datasheet
872Kb / 25P
0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2180 TI-OPA2180_13 Datasheet
1Mb / 27P
0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA188 TI-OPA188_13 Datasheet
1Mb / 33P
Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
OPA188 TI-OPA188_15 Datasheet
1Mb / 34P
Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA4188 TI-OPA4188_15 Datasheet
1Mb / 28P
0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA180 TI-OPA180_15 Datasheet
1Mb / 38P
Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
logo
Analog Devices
ADA4522-2 AD-ADA4522-2 Datasheet
895Kb / 30P
55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifier
REV. B
ADA4522-1 AD-ADA4522-1 Datasheet
1,014Kb / 32P
55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
Rev. E
logo
Texas Instruments
OPA180-Q1 TI1-OPA180-Q1 Datasheet
1Mb / 32P
0.1-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com