Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4522-1ARMZ-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # ADA4522-1ARMZ-R7
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-1ARMZ-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADA4522-1ARMZ-R7 Datasheet HTML 32Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 33Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 34Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 35Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 36Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 37Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 38Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 39Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
Data Sheet
ADA4522-1/ADA4522-
2/ADA4522-4
analog.com
Rev I 36 of 48
Figure 79.EMIRR vs. Frequency
Capacitive Load Stability
The ADA4522-1/ADA4522-2/ADA4522-4 can safely drive capacitive loads of up to 250 pF in any configuration. As with
most amplifiers, driving larger capacitive loads than specified may cause excessive overshoot and ringing, or even
oscillation. A heavy capacitive load reduces the phase margin and causes the amplifier frequency response to peak.
Peaking corresponds to overshooting or ringing in the time domain. Therefore, it is recommended that external
compensation be used if the ADA4522-1/ADA4522-2/ADA4522-4 must drive a load exceeding 250 pF. This
compensation is particularly important in the unity-gain configuration, which is the worst case for stability.
A quick and easy way to stabilize the op amp for capacitive load drive is by adding a series resistor, RISO, between the
amplifier output terminal and the load capacitance, as shown in Figure 80. RISO isolates the amplifier output and
feedback network from the capacitive load. However, with this compensation scheme, the output impedance as
seen by the load increases, and this reduces gain accuracy.
Figure 80.Stability Compensation with Isolating Resistor, RISO
Figure 81
shows the effect on overshoot with different values of RISO.
100
50
90
40
80
30
70
20
60
10
0
10M
100M
1G
10G
FREQUENCY (Hz)
55V
30V
5V
VIN = 100mV p-p
–VSY
VIN
+VSY
VOUT
CL
ADA4522-1/
ADA4522-2/
ADA4522-4
RISO
60
25
50
55
45
20
40
15
35
10
30
5
0
10
100
1k
LOAD CAPACITANCE (pF)
VSY = ±15V
RL = 10kΩ
AV = 1
VIN = 100mV p-p
OS+ (RISO = 0Ω)
OS– (RISO = 0Ω)
OS+ (RISO = 25Ω)
OS– (RISO = 25Ω)
OS+ (RISO = 50Ω)
OS– (RISO = 50Ω)
Figure 81.Small Signal Overshoot vs. Load Capacitance with Various Output Isolating Resistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com