Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4522-1ARMZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADA4522-1ARMZ-R7
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-1ARMZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADA4522-1ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 16Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 17Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 18Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 19Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 20Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 21Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
Data Sheet
ADA4522-1/ADA4522-
2/ADA4522-4
analog.com
Rev I 18 of 48
Figure 12.Input Offset Voltage (VOS) vs. Common-Mode
Voltage (VCM), VSY = 5 V
Figure 13.Input Bias Current (IB) vs. Common-Mode Voltage
(VCM), VSY = 5 V
Figure 14.Input Offset Voltage (VOS) vs. Common-Mode
Voltage (VCM), VSY = 30 V
Figure 15.Input Bias Current (IB) vs. Common-Mode Voltage
(VCM), VSY = 30 V
Figure 16.Input Offset Voltage (VOS) vs. Common-Mode
Voltage (VCM), VSY = 55 V
Figure 17.Input Bias Current (IB) vs. Common-Mode Voltage
(VCM), VSY = 55 V
5
–5
–3
1
–1
3
0
1.0
3.0
2.0
3.5
VCM (V)
VSY = 5V
20 CHANNELS
2000
–500
0
1000
500
1500
0
0.5
2.5
1.5
1.0
3.0
2.0
3.5
VCM (V)
+125°C
+85°C
+25°C
–40°C
VSY = 5V
5
–5
–3
1
–1
3
0
5.0
25.0
15.0
10.0
20.0
28.5
VCM (V)
VSY = 30V
20 CHANNELS
3000
–500
0
2000
1000
1500
500
2500
0
5.0
25.0
15.0
10.0
20.0
28.5
VCM (V)
+125°C
+85°C
+25°C
–40°C
VSY = 30V
5
–5
–3
1
–1
3
0
5.0
45.0
25.0
15.0
35.0
10.0
50.0
30.0
20.0
40.0
53.5
VCM (V)
VSY = 55V
20 CHANNELS
5000
–500
0
3500
1500
2500
500
4500
3000
1000
2000
4000
0
10.0
50.0
30.0
20.0
40.0
5.0
45.0
25.0
15.0
35.0
53.5
VCM (V)
+125°C
+85°C
+25°C
–40°C
VSY = 55V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com