Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4522-1ARMZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4522-1ARMZ-R7
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-1ARMZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4522-1ARMZ-R7 Datasheet HTML 3Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADA4522-1ARMZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
Data Sheet
ADA4522-1/ADA4522-
2/ADA4522-4
analog.com
Rev I 7 of 48
(VSY = 5.0 V, VCM = VSY/2 V, TA = 25°C, unless otherwise specified.)
Gain Bandwidth Product
GBP
VIN = 10 mVp-p, RL = 10 kΩ,
CL = 50 pF, AV = 100
2.7
MHz
Unity-Gain Crossover
UGC
VIN = 10 mVp-p, RL = 10 kΩ,
CL = 50 pF, AV = 1
3
MHz
−3 dB Closed-Loop
Bandwidth
f−3dB
VIN = 10 mVp-p, RL = 10 kΩ,
CL = 50 pF, AV = 1
6.5
MHz
Phase Margin
ΦM
VIN = 10 mVp-p, RL = 10 kΩ,
CL = 50 pF, AV = 1
64
Degrees
Settling Time to 0.1%
tS
VIN = 1 V step, RL = 10 kΩ,
CL = 50 pF, AV = 1
4
µs
Channel Separation
CS
VIN = 1 Vp-p, f = 10 kHz,
RL = 10 kΩ, CL = 50 pF
98
dB
EMI Rejection Ratio of
+IN/+IN x 1
EMIRR
VIN = 100 mV peak,
f = 400 MHz
72
dB
VIN = 100 mV peak,
f = 900 MHz
80
dB
VIN = 100 mV peak,
f = 1800 MHz
83
dB
VIN = 100 mV peak,
f = 2400 MHz
85
dB
NOISE PERFORMANCE
Total Harmonic Distortion
Plus Noise Bandwidth (BW) =
80 kHz
THD + N
AV = 1, f = 1 kHz,
VIN = 0.6 V rms
0.001
%
Total Harmonic Distortion
Plus Noise BW = 500 kHz
THD + N
AV = 1, f = 1 kHz,
VIN = 0.6 V rms
0.02
%
Peak-to-Peak Voltage Noise
eNp-p
AV = 100,
f = 0.1 Hz to 10 Hz
117
nV p-p
Voltage Noise Density
eN
AV = 100, f = 1 kHz
5.8
nV/√Hz
Peak-to-Peak Current Noise
INp-p
AV= 100,
f = 0.1 Hz to 10 Hz
16
pA p-p
Current Noise Density
IN
AV = 100, f = 1 kHz
0.8
pA/√Hz
1
EMIRR = 20log(VIN_PEAK/∆VOS)
PARAMETER
SYMBOL
TEST CONDITIONS/
COMMENTS
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com