Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS1818ASWZ-R7 Datasheet(PDF) 56 Page - Analog Devices

Part # ADBMS1818ASWZ-R7
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818ASWZ-R7 Datasheet(HTML) 56 Page - Analog Devices

Back Button ADBMS1818ASWZ-R7 Datasheet HTML 52Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 53Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 54Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 55Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 56Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 57Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 58Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 59Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 92 page
background image
Data Sheet
ADBMS1818
THEORY OF OPERATION
analog.com
Rev. B | 56 of 92
Figure 86. isoSPI Timing Diagram
Waking Up the Serial Interface
The serial ports (SPI or isoSPI) enter the low power idle state
if there is no activity on Port A or Port B for a time of tIDLE.
The wake-up circuit monitors activity on Pin 61 through Pin 64. If
ISOMD = V–, Port A is in SPI mode. Activity on the CSB pin or
SCK pin wakes up the SPI. If ISOMD = VREG, Port A is in isoSPI
mode. Differential activity on IPA to IMA (or IPB to IMB) wakes up
the isoSPI. The ADBMS1818 is ready to communicate when the
isoSPI state changes to ready within tWAKE or tREADY, depending on
the core state (see Figure 53 and the Sleep State, Standby State,
REFUP State, and Measure State sections for details).
Figure 87 shows the timing and the functionally equivalent circuit
(only Port A shown). Common-mode signals do not wake up the
serial interface. The interface is designed to wake up after receiving
a large signal single-ended pulse, or a low-amplitude symmetric
pulse. The differential signal (SCK(IPA) – CSB(IMA)), must be at
least VWAKE = 200 mV for a minimum duration of tDWELL = 240 ns to
qualify as a wake-up signal that powers up the serial interface.
Waking a Daisy Chain—Method 1
The ADBMS1818 sends a long +1 pulse on Port B after it is ready
to communicate. In a daisy-chained configuration, this pulse wakes
up the next device in the stack which, in turn, wakes up the next
device. If there are N devices in the stack, all the devices are
powered up within the time N × tWAKE or N × tREADY, depending on
the core state. For large stacks, the time N × tWAKE may be equal to
or larger than tIDLE. In this case, after waiting longer than the time of
N × tWAKE, the host can send another dummy byte and wait for the
time N × tREADY to ensure that all devices are in the ready state.
Method 1 can be used when all devices on the daisy chain are
in the idle state, which guarantees that the devices propagate the
wake-up signal up the daisy chain. However, this method fails to
wake up all devices when a device in the middle of the chain is in
the ready state instead of the idle state. When this happens, the
device in the ready state does not propagate the wake-up pulse,
so the devices above it remain in the idle state. This situation can
occur when attempting to wake up the daisy chain after only tIDLE of
idle time (some devices may be idle, some may not).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com