Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS1818ASWZ-R7 Datasheet(PDF) 70 Page - Analog Devices

Part # ADBMS1818ASWZ-R7
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818ASWZ-R7 Datasheet(HTML) 70 Page - Analog Devices

Back Button ADBMS1818ASWZ-R7 Datasheet HTML 66Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 67Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 68Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 69Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 70Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 71Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 72Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 73Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 92 page
background image
Data Sheet
ADBMS1818
MEMORY MAP
analog.com
Rev. B | 70 of 92
Table 72. Memory Map Bit Descriptions (Continued)
Bit
Description
Values
1: thermal shutdown has occurred, THSD Bit cleared to 0 on read of Status Register Group B
SCTx[x]
S pin control bits
0000: drive S pin high (deasserted)
0001: send 1 high pulse on S pin
0010: send 2 high pulses on S pin
0011: send 3 high pulses on S pin
0100: send 4 high pulses on S pin
0101: send 5 high pulses on S pin
0110: send 6 high pulses on S pin
0111: send 7 high pulses on S pin
1xxx: drive S pin low (asserted)
PWMx[x]
PWM discharge control
0000: selects 0% discharge duty cycle if DCCx = 1 and watchdog timer has expired
0001: selects 6.7% discharge duty cycle if DCCx = 1 and watchdog timer has expired
0010: selects 13.3% discharge duty cycle if DCCx = 1 and watchdog timer has expired
...
1110: selects 93.3% discharge duty cycle if DCCx = 1 and watchdog timer has expired
1111: selects 100% discharge duty cycle if DCCx = 1 and watchdog timer has expired
ICOMn
Initial communication bits
Write
I2C
0110
0001
0000
0111
Start
Stop
Blank
No trans-
mit
SPI
1000
1010
1001
1111
CSB low
CSB falling
edge
CSB high
No trans-
mit
Read
I2C
0110
0001
0000
0111
Start from mas-
ter
stop from mas-
ter
SDA low be-
tween bytes
SDA high
between
bytes
SPI
0111
0001
0000
0111
Dn
I2C/SPI communication data byte Data transmitted (received) to (from) I2C/SPI slave device
FCOMn
Final communication control bits
Write
I2C
0000
1000
1001
Master ACK
Master NACK
Master NACK + stop
SPI
X000
1001
CSB high
Read
I2C
0000
0111
1111
0001
1001
ACK from
master
ACK from
slave
NACK
from
slave
ACK from
slave +
stop from
master
NACK from
slave + stop
from master
SPI
1111
1 Voltage equations use the decimal value of registers, 0 to 4095 for 12 bits and 0 to 65535 for 16 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com