Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS1818ASWZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADBMS1818ASWZ-R7
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818ASWZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADBMS1818ASWZ-R7 Datasheet HTML 7Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 8Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 9Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 10Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 11Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 12Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 13Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 14Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
Data Sheet
ADBMS1818
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. B | 11 of 92
Table 11.
Parameter
Rating
Total Supply Voltage, V+ to V–
112.5 V
Supply Voltage (Relative to C12), V+ to C12 50 V
Input Voltage (Relative to V–)
C0
–0.3 V to +6 V
C18
–0.3 V to MIN ( V+ + 5.5 V, 112.5 V)
C(n), S(n)
–0.3 V to MIN (8 × n, 112.5 V)
IPA, IMA, IPB, and IMB
–0.3 V to VREG + 0.3 V, ≤ 6 V
DRIVE
–0.3 V to +7 V
All Other Pins
–0.3 V to +6 V
Voltage Between Inputs
C(n) to C(n–1) and S(n) to C(n–1)
–0.3 V to +8 V
C18 to C15, C15 to C12, C12 to C9, C9
to C6, C6 to C3, and C3 to C0
–0.3 V to +21 V
Current In and Out of Pins
All Pins Except VREG, IPA, IMA, IPB,
IMB, C(n), and S(n)
10 mA
IPA, IMA, IPB, and IMB
30 mA
Specified Junction Temperature Range
ADBMS1818ASWZ and ADBMSASWAZ –40°C to +85°C
ADBMS1818CSWAZ
–40°C to +125°C
Junction Temperature (TJMAX)
150°C
Storage Temperature Range
–65°C to +150°C
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required.
θJA is the natural convection junction to ambient thermal resistance
measured in a one-cubic foot sealed enclosure. θJC is the junction
to case thermal resistance.
Table 12. Thermal Resistance
Package Type1
θJA2
θJC
Unit
05-08-1982
17
2.5
°C/W
SW-64-2
17
2.5
°C/W
1 The exposed pad must be connected to the V− plane for proper thermal
management.
2 Board layout impacts thermal characteristics such as θJA.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
Field induced charged device model (FICDM) and charged device
model (CDM) per ANSI/ESDA/JEDEC JS-002.
ESD Ratings for ADBMS1818
Table 13. ADBMS1818, 64-Lead LQFP_EP
ESD Model
Withstand Threshold (V)
Class
HBM
±1000
1C
CDM
±750
C2b
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com