Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS1818ASWZ-R7 Datasheet(PDF) 78 Page - Analog Devices

Part # ADBMS1818ASWZ-R7
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818ASWZ-R7 Datasheet(HTML) 78 Page - Analog Devices

Back Button ADBMS1818ASWZ-R7 Datasheet HTML 74Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 75Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 76Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 77Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 78Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 79Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 80Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 81Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 92 page
background image
Data Sheet
ADBMS1818
APPLICATIONS INFORMATION
analog.com
Rev. B | 78 of 92
Both circuits are shown in Figure 101. The functionality of the
discharge circuits can be verified by conducting cell measurements
and comparing measurements when the discharge is off to meas-
urements when the discharge is on. The measurement taken when
the discharge is on requires that the discharge permit (DCP) bit
be set. The change in the measurement when the discharge is
turned on is calculable based on the resistor values. The following
algorithm can be used in conjunction with Figure 101 to verify each
discharge circuit:
►
Step 1: Measure all cells with no discharging (all S outputs off)
and read and store the results.
►
Step 2: Turn on S1, S7, and S13.
►
Step 3: Measure C1 to C0, C7 to C6, and C13 to C12.
►
Step 4: Turn off S1, S7, and S13.
►
Step 5: Turn on S2, S8, and S14.
►
Step 6: Measure C2 to C1, C8 to C7, and C14 to C13.
►
Step 7: Turn off S2, S8, and S14.
►
...
►
Step 17: Turn on S6, S12, and S18.
►
Step 18: Measure C6 to C5, C12 to C11, and C18 to C17.
►
Step 19: Turn off S6, S12, and S18.
►
Step 20: Read the Cell Voltage Register Groups to get the
results of Step 2 through Step 19.
►
Step 21: Compare new readings with old readings. Each cell
voltage reading must have decreased by a fixed percentage set
by RDISCHARGE and RFILTER for internal designs and RDISCHARGE1
and RDISCHARGE2 for external MOSFET designs. The exact
amount of the decrease depends on the resistor values and
MOSFET characteristics.
Figure 101. Balancing Self Test Circuit
DIGITAL COMMUNICATIONS
PEC Calculation
The PEC can be used to ensure that the serial data read from the
ADBMS1818 is valid and has not been corrupted. This feature is
critical for reliable communication, particularly in environments of
high noise. The ADBMS1818 requires that a PEC be calculated for
all data being read from and written to the ADBMS1818. For this
reason, it is important to have an efficient method for calculating the
PEC.
The C code provides a simple implementation of a lookup table
derived PEC calculation method. There are two functions. The first
function init_PEC15_Table() must only be called once when the
microcontroller starts and initializes a PEC15 table array called
pec15Table[]. This table is used in all future PEC calculations.
The PEC15 table can also be hard coded into the microcontroller
rather than running the init_PEC15_Table() function at startup. The
pec15() function calculates the PEC and returns the correct 15-bit
PEC for byte arrays of any given length.
/************************************
Copyright 2012 Analog Devices, Inc. (ADI)
Permission to freely use, copy, modify, and distribute this software
for any purpose with or without fee is hereby granted, provided
that the above copyright notice and this permission notice appear
in all copies: THIS SOFTWARE IS PROVIDED “AS IS” AND ADI
DISCLAIMS ALL WARRANTIES
INCLUDING ALL IMPLIED WARRANTIES OF MERCHANTABILITY
AND FITNESS. IN NO EVENT SHALL ADI BE LIABLE FOR ANY
SPECIAL, DIRECT, INDIRECT, OR CONSEQUENTIAL DAMAGES
OR ANY DAMAGES WHATSOEVER RESULTING FROM ANY
USE OF SAME, INCLUDING ANY LOSS OF USE OR DATA
OR PROFITS, WHETHER IN AN ACTION OF CONTRACT, NEGLI-
GENCE OR OTHER TORTUOUS ACTION, ARISING OUT OF OR
IN CONNECTION WITH THE USE OR PERFORMANCE OF THIS
SOFTWARE.
***************************************/
int16 pec15Table[256];
int16 CRC15_POLY = 0x4599;
void init_PEC15_Table()
{
for (int i = 0; i < 256; i++)
{
remainder = i << 7;
for (int bit = 8; bit > 0; --bit)
{



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com