Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS1818ASWZ-R7 Datasheet(PDF) 85 Page - Analog Devices

Part # ADBMS1818ASWZ-R7
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818ASWZ-R7 Datasheet(HTML) 85 Page - Analog Devices

Back Button ADBMS1818ASWZ-R7 Datasheet HTML 81Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 82Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 83Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 84Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 85Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 86Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 87Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 88Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 92 page
background image
Data Sheet
ADBMS1818
APPLICATIONS INFORMATION
analog.com
Rev. B | 85 of 92
Table 74. Recommended Transformers (Continued)
Supplier
Part Number
Temperature Range
Working
Voltage
(VWORKING)
VHIPOT/60 sec
Cent
er
Tap
CMC
Height
Length
Width (with
Leads)
Pins
AEC-Q200
TDK
ALT4532V-201-T001
–40°C to 105°C
60 V
(estimate)
~1 kV
Yes
No
2.9 mm 3.2 mm
4.5 mm
6SMT
Yes
Sumida
CEEH96BNP-
LTC6804/11
–40°C to 125°C
600 V
2.5 kV rms
No
No
7 mm
9.2 mm
12.0 mm
4SMT
No
Sumida
CEP99NP-LTC6804
–40°C to 125°C
600 V
2.5 kV rms
Yes
No
10 mm
9.2 mm
12.0 mm
8SMT
No
Sumida
ESMIT-4180/A
–40°C to 105°C
250 V rms
3 kV rms
No
No
3.5 mm 5.2 mm
9.1 mm
4SMT
Yes
TDK
VGT10/9EE-204S2P4
–40°C to 125°C
250 V
(estimate)
2.8 kV rms
Yes
No
10.6
mm
10.4
mm
12.7 mm
8SMT
No
Table 75. Recommended Common-Mode Chokes
Manufacturer
Part Number
TDK
ACT45B-101-2P
Murata
DLW43SH101XK2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com