Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS1818ASWZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADBMS1818ASWZ-R7
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818ASWZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADBMS1818ASWZ-R7 Datasheet HTML 8Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 9Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 10Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 11Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 12Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 13Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 14Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 15Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 92 page
background image
Data Sheet
ADBMS1818
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. B | 12 of 92
Figure 2. Pin Configuration
Table 14. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
V+
Positive Supply Pin.
2, 4, 6, 8, 10, 12,
14, 16, 18, 20, 22,
24, 26, 28, 30, 32,
34, 36, 38
C0 to C18
Cell Inputs.
3, 5, 7, 9, 11, 13,
15, 17, 19, 21, 23,
25, 27, 29, 31, 33,
35, 37
S1 to S18
Balance Inputs/Outputs. 18 internal N-channel metal-oxide semiconductor field effect transistors (MOSFETs) are connected between
S(n) and C(n–1) for discharging cells.
39 to 47
GPIO1 to GPIO9
General Purpose I/O. GPIO1 to GPIO9 can be used as digital inputs or digital outputs or as analog inputs with a measurement range
from V– to 5 V. GPIO3, GPIO4, and GPIO5 can be used as I2C or SPI ports.
48
VREG
5 V Regulator Input. Bypass with an external 1 μF capacitor.
49
DRIVE
Connect the base of an NPN transistor to the DRIVE pin. Connect the collector to V+ and the emitter to VREG.
50
VREF2
Buffered 2nd Reference Voltage for Driving Multiple 10 kΩ Thermistors. Bypass with an external 1 μF capacitor.
51
VREF1
ADC Reference Voltage. Bypass with an external 1 μF capacitor. No dc loads allowed.
52
DTEN
Discharge Timer Enable. Connect DTEN to VREG to enable the discharge timer.
53, 54, 61, 62
SDI, SDO, CSB,
SCK
4-Wire SPI. Active low chip select (CSB), serial clock (SCK), and serial data in (SDI) are digital inputs. Serial data out (SDO) is an
open drain NMOS output pin. SDO requires a 5 kΩ pull-up resistor.
55
ISOMD
Serial Interface Mode. Connecting ISOMD to VREG configures Pin 53, Pin 54, Pin 61, and Pin 62 of the ADBMS1818 for 2-wire isoSPI
mode. Connecting ISOMD to V– configures the ADBMS1818 for 4-wire SPI mode.
56
WDT
Watchdog Timer Output Pin. This is an open drain negative metal-oxide semiconductor (NMOS) digital output. WDT can be left
disconnected or connected with a 1 M resistor to VREG. If the ADBMS1818 does not receive a valid command within 2 seconds, the
watchdog timer circuit resets the ADBMS1818 and the WDT pin goes high impedance.
57
IBIAS
Isolated Interface Current Bias. Tie IBIAS to V– through a resistor divider to set the interface output current level. When the isoSPI
interface is enabled, the IBIAS pin voltage is 2 V. The IPA and IMA or IPB and IMB output current drive is set to 20 times the current,
IB, sourced from the IBIAS pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com