Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS1818ASWZ-R7 Datasheet(PDF) 84 Page - Analog Devices

Part # ADBMS1818ASWZ-R7
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818ASWZ-R7 Datasheet(HTML) 84 Page - Analog Devices

Back Button ADBMS1818ASWZ-R7 Datasheet HTML 80Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 81Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 82Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 83Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 84Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 85Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 86Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 87Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 92 page
background image
Data Sheet
ADBMS1818
APPLICATIONS INFORMATION
analog.com
Rev. B | 84 of 92
In most applications, a CMC is also necessary for noise rejection.
Table 75 includes a list of suitable CMCs if the CMC is not already
integrated into the transformer being used.
Figure 107. Interfacing an ADBMS1818 with a μC Using an LTC6820 for Isolated SPI Control
Table 74. Recommended Transformers
Supplier
Part Number
Temperature Range
Working
Voltage
(VWORKING)
VHIPOT/60 sec
Cent
er
Tap
CMC
Height
Length
Width (with
Leads)
Pins
AEC-Q200
Recommended Dual Transformers
Pulse
HX1188FNL
–40°C to 85°C
60 V
(estimate)
1.5 kV rms
Yes
Yes
6.0 mm
12.7
mm
9.7 mm
16SMT
No
Pulse
HX0068ANL
–40°C to 85°C
60 V
(estimate)
1.5 kV rms
Yes
Yes
2.1 mm
12.7
mm
9.7 mm
16SMT
No
Pulse
HM2100NL
–40°C to 105°C
1000 V
4.3 kV dc
No
Yes
3.4 mm
14.7
mm
14.9 mm
10SMT
Yes
Pulse
HM2112ZNL
–40°C to 125°C
1000 V
4.3 kV dc
Yes
Yes
4.9 mm
14.8
mm
14.7 mm
12SMT
Yes
Sumida
CLP178-C20114
–40°C to 125°C
1000 V
(estimate)
3.75 kV rms
Yes
Yes
9 mm
17.5
mm
15.1 mm
12SMT
No
Sumida
CLP0612-C20115
600 V rms
3.75 kV rms
Yes
No
5.7 mm
12.7
mm
9.4 mm
16SMT
No
Wurth
7490140110
–40°C to 85°C
250 V rms
4 kV rms
Yes
Yes
10.9
mm
24.6
mm
17.0 mm
16SMT
No
Wurth
7490140111
0°C to 70°C
1000 V
(estimate)
4.5 kV rms
Yes
No
8.4 mm
17.1
mm
15.2 mm
12SMT
No
Wurth
749014018
0°C to 70°C
250 V rms
4 kV rms
Yes
Yes
8.4 mm
17.1
mm
15.2 mm
12SMT
No
Halo
TG110-AE050N5LF
–40°C to 85/125°C
60 V
(estimate)
1.5 kV rms
Yes
Yes
6.4 mm
12.7
mm
9.5 mm
16SMT
Yes
Recommended Single Transformers
Pulse
PE-68386NL
–40°C to 130°C
60 V
(estimate)
1.5 kV dc
No
No
2.5 mm 6.7 mm
8.6 mm
6SMT
No
Pulse
HM2101NL
–40°C to 105°C
1000 V
4.3 kV dc
No
Yes
5.7 mm 7.6 mm
9.3 mm
6SMT
Yes
Pulse
HM2113ZNL
–40°C to 125°C
1600 V
4.3 kV dc
Yes
Yes
3.5 mm
9 mm
15.5 mm
6SMT
Yes
Wurth
750340848
–40°C to 105°C
250 V
3 kV rms
No
No
2.2 mm 4.4 mm
9.1 mm
4SMT
No
Halo
TGR04-6506V6LF
–40°C to 125°C
300 V
3 kV rms
Yes
No
10 mm
9.5 mm
12.1 mm
6SMT
No
Halo
TGR04-A6506NA6NL
–40°C to 125°C
300 V
3 kV rms
Yes
No
9.4 mm 8.9 mm
12.1 mm
6SMT
Yes
Halo
TDR04-A550ALLF
–40°C to 105°C
1000 V
5 kV rms
Yes
No
6.4 mm 8.9 mm
16.6 mm
6TH
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com