Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS1818ASWZ-R7 Datasheet(PDF) 75 Page - Analog Devices

Part # ADBMS1818ASWZ-R7
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818ASWZ-R7 Datasheet(HTML) 75 Page - Analog Devices

Back Button ADBMS1818ASWZ-R7 Datasheet HTML 71Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 72Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 73Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 74Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 75Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 76Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 77Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 78Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 92 page
background image
Data Sheet
ADBMS1818
APPLICATIONS INFORMATION
analog.com
Rev. B | 75 of 92
CELL BALANCING
Cell Balancing with Internal MOSFETs
With passive balancing, if one cell in a series stack becomes over-
charged, an S output can slowly discharge this cell by connecting it
to a resistor. Each S output is connected to an internal N-channel
MOSFET with a maximum on resistance of 10 Ω. An external
resistor must be connected in series with these MOSFETs to allow
most of the heat to be dissipated outside of the ADBMS1818
package, as shown in Figure 99.
The internal discharge switches (MOSFETs) S1 through S18 can
be used to passively balance cells as shown in Figure 99 with
balancing current of 200 mA or less (80 mA or less if the die
temperature is over 85°C). Balancing current larger than 200 mA
is not recommended for the internal switches due to excessive
die heating. When discharging cells with the internal discharge
switches, the die temperature must be monitored. See the Thermal
Shutdown section.
Note that the antialiasing filter resistor is part of the discharge path
and must be removed or reduced. Use of an RC for added cell
voltage measurement filtering is permitted, but the filter resistor
must remain small, typically around 10 Ω to reduce the effect on the
balance current.
Figure 99. Internal/External Discharge Circuits
Cell Balancing with External Transistors
For applications that require balancing currents above 200 mA or
large cell filters, the S outputs can be used to control external
transistors. The ADBMS1818 includes an internal pull-up PMOS
transistor with a 1 kΩ series resistor. The S pins can act as digital
outputs suitable for driving the gate of an external MOSFET, as
shown in Figure 99. Figure 96 shows external MOSFET circuits that
include RC filtering. For applications with very low cell voltages, the
PMOS in Figure 99 can be replaced with a PNP. When a PNP is
used, the resistor in series with the base must be reduced.
Choosing a Discharge Resistor
When sizing the balancing resistor, it is important to know the
typical battery imbalance and the allowable time for cell balancing.
In most small battery applications, it is reasonable for the balancing
circuitry to be able to correct for a 5% state of charge (SOC) error
with 5 hours of balancing. For example, a 5 AHr battery with a 5%
SOC imbalance has approximately 250 mA Hrs of imbalance. Using
a 50 mA balancing current, the error can be corrected in 5 hours.
With a 100 mA balancing current, the error can be corrected in 2.5
hours. In systems with very large batteries, it is difficult to use pas-
sive balancing to correct large SOC imbalances in short periods of
time. The excessive heat created during balancing generally limits
the balancing current. In large capacity battery applications, if short
balancing times are required, an active balancing solution must
be considered. When choosing a balance resistor, the following
equations can be used to help determine a resistor value:
Balance Current =
% of SOC Imbalance×Battery Capacity
Number of Hours to Balance
Balance Resistor =
Nominal Cell Voltage
Balance Current
Active Cell Balancing
Applications that require 1 A or greater of cell balancing current
must consider implementing an active balancing system. Active
balancing allows for much higher balancing currents without the
generation of excessive heat. Active balancing also allows for ener-
gy recovery since most of the balance current is redistributed back
to the battery pack. Figure 100 shows a simple active balancing
implementation using the LT8584. The LT8584 also has advanced
features that can be controlled via the ADBMS1818. See the S Pin
Pulsing Using the S Pin Control Settings section and the LT8584
data sheet for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com